Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP03XH223 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # NCP03XH223
Description  for Surface Mounting Application
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP03XH223 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  NCP03XH223 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NCP03XH223 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NCP03XH223 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NCP03XH223 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NCP03XH223 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NCP03XH223 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NCP03XH223 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP03XH223 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP03XH223 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Dimensions
PRG18BB
PRG21BB
PRG21BC
L
W
T
e
b
1.6
±0.15
0.8
±0.15
0.1-0.6
-
2.0
±0.2
1.25
±0.2
0.2 min.
0.5 min.
2.0
±0.2
1.25
±0.2
0.9
±0.2
0.2 min.
0.5 min.
L
eb
e
T
W
Multilayer Chip POSISTORr for Overcurrent Protection
Electrode Construction Cross-sectional
Nickel Barrier
PRG21BC Type
Sn Plating
PTC
Ceramic
Data here are reference only. Specifications available upon request. Product to be evaluated, confirmed by the user before actual use.
Description here may be revised without notice.
POSISTORr Ideas
Limitting
Circuit
IN
IN
OUT
OUT
FET
Fuse Resistor
Limitting
Circuit
IN
OUT
FET
Control
Circuit
FET
Control
Circuit
FET
PRG
IN
OUT
PRG
Auto-reset
Down Sizing &
Overcurrent Protecting
From Fuse Resistor
From Chip Resistor
IN
IN
OUT
OUT
PRG
Simple
From Current Control Circuit
Key: Cross = Bad - Circle = Good - Triangle = Little difference
Safety
Repeat
Space
Cost
POSISTORr
Fuse Resistor
Control Circuit
Chip Resistor
Item
(in mm)
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
R01E.pdf
06.1.25


Similar Part No. - NCP03XH223

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03XH22305RL MURATA-NCP03XH22305RL Datasheet
1Mb / 44P
   NTC Thermistors
NCP03XH22305RL MURATA-NCP03XH22305RL Datasheet
1Mb / 44P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP03XH22305RL MURATA-NCP03XH22305RL Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP03XH22305RL MURATA-NCP03XH22305RL Datasheet
624Kb / 40P
   for Temperature Compensation 0201 (0603) Size
NCP03XH22305RL MURATA-NCP03XH22305RL Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
More results

Similar Description - NCP03XH223

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
FSM11 DGNJDZ-FSM11 Datasheet
106Kb / 2P
   For Surface Mount Application
logo
First Silicon Co., Ltd
RS1A FS-RS1A Datasheet
347Kb / 2P
   For surface mounted application
logo
Leshan Radio Company
LBZT52C2V4T1G LRC-LBZT52C2V4T1G Datasheet
639Kb / 3P
   Ideal for Surface Mountted Application
logo
Sangdest Microelectroni...
FTB6F-15FP SMC-FTB6F-15FP Datasheet
155Kb / 4P
   Designed for Surface Mount Application
logo
Leshan Radio Company
LBZT52MB3V6T1G LRC-LBZT52MB3V6T1G Datasheet
324Kb / 4P
   Ideal for Surface Mountted Application
logo
Sangdest Microelectroni...
MB05F SMC-MB05F Datasheet
158Kb / 4P
   Designed for surface mount application
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
   Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
DB3015C TOKO-DB3015C Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
   Fixed Inductors for Surface Mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com