Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE425S01-T1 Datasheet(PDF) 5 Page - NEC

Part # NE425S01-T1
Description  C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE425S01-T1 Datasheet(HTML) 5 Page - NEC

  NE425S01-T1 Datasheet HTML 1Page - NEC NE425S01-T1 Datasheet HTML 2Page - NEC NE425S01-T1 Datasheet HTML 3Page - NEC NE425S01-T1 Datasheet HTML 4Page - NEC NE425S01-T1 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
OUTLINE DIMENSIONS (Units in mm)
PACKAGE OUTLINE S01
NE425S01
PART
SUPPLY FORM
PACKAGE
NUMBER
OUTLINE
NE425S01
Bulk
S01
NE425S01-T1
Tape & Reel 1000 pcs./reel
S01
NE425S01-T1B
Tape & Reel 4000 pcs./reel
S01
ORDERING INFORMATION
TYPICAL NOISE PARAMETERS (TA = 25°C)
VDS = 2 V, ID = 10 mA
FREQ.
NFMIN
GA
ΓOPT
(GHz)
(dB)
(dB)
MAG
ANG
Rn/50
2
0.31
18.35
0.93
14
0.38
4
0.34
16.31
0.80
29
0.33
6
0.40
14.56
0.65
48
0.25
8
0.45
13.28
0.49
72
0.18
10
0.52
12.33
0.36
102
0.11
12
0.60
11.11
0.27
139
0.08
14
0.72
10.40
0.24
-176
0.07
16
0.86
9.86
0.30
-122
0.10
18
1.00
9.63
0.47
-58
0.22
1. Source
2. Drain
3. Source
4. Gate
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) • Internet: http://WWW.CEL.COM
PRINTED IN USA ON RECYCLED PAPER -12/98
DATA SUBJECT TO CHANGE WITHOUT NOTICE
1.9
± 0.2
0.125
± 0.05
4.0
± 0.2
1.6
0.4 MAX
2.0
± 0.2
0.65 TYP.
4
2
3
1
G


Similar Part No. - NE425S01-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE425S01-T1 NEC-NE425S01-T1 Datasheet
57Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE425S01-T1 CEL-NE425S01-T1 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE425S01-T1B NEC-NE425S01-T1B Datasheet
57Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE425S01-T1B CEL-NE425S01-T1B Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

Similar Description - NE425S01-T1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE425S01 CEL-NE425S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01_02 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01 NEC-NE425S01 Datasheet
57Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3512S02 RENESAS-NE3512S02 Datasheet
200Kb / 11P
   C TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE325S01 CEL-NE325S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE325S01 NEC-NE325S01 Datasheet
60Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE429M01 NEC-NE429M01 Datasheet
50Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com