Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE334S01-T1 Datasheet(PDF) 2 Page - NEC

Part # NE334S01-T1
Description  C BAND SUPER LOW NOISE HJ FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE334S01-T1 Datasheet(HTML) 2 Page - NEC

  NE334S01-T1 Datasheet HTML 1Page - NEC NE334S01-T1 Datasheet HTML 2Page - NEC NE334S01-T1 Datasheet HTML 3Page - NEC NE334S01-T1 Datasheet HTML 4Page - NEC NE334S01-T1 Datasheet HTML 5Page - NEC NE334S01-T1 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FREQ.
NFMIN
GA
ΓOPT
(GHz)
(dB)
(dB)
MAG
ANG
Rn/50
2
0.23
17.0
0.77
15
0.19
4
0.25
16.0
0.58
43
0.18
6
0.28
14.7
0.43
82
0.13
8
0.31
13.6
0.32
127
0.08
10
0.38
12.5
0.27
175
0.07
12
0.48
11.5
0.27
-139
0.10
14
0.60
10.5
0.34
-100
0.17
16
0.73
9.6
0.48
-70
0.29
18
0.88
8.8
0.69
-56
0.46
SYMBOLS
PARAMETERS
UNITS
RATINGS
VDS
Drain to Source Voltage
V
4.0
VGS
Gate to Source Voltage
V
-3.0
IDS
Drain Current
mA
IDSS
TCH
Channel Temperature
°C
125
TSTG
Storage Temperature
°C
-65 to +125
PT
Total Power Dissipation
mW
300
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
TYPICAL PERFORMANCE CURVES (TA = 25°C)
Note:
1. Operation in excess of any one of these conditions may result
in permanent damage.
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
Drain to Source Voltage, VDS (V)
DRAIN CURRENT vs.
GATE TO SOURCE VOLTAGE
Gate to Source Voltage, VGS (V)
TYPICAL NOISE PARAMETERS (TA = 25°C)
VDS = 2 V, IDS = 15 mA
NE334S01
500
400
300
200
100
0
50
100
150
200
250
VGS = 0 V
-0.2 V
-0.4 V
-0.6 V
100
80
60
40
20
0
12
3
4
5
0
0.5
-0.5
-1.0
-2.0
2.0
1.0
0.4 dB
0.6 dB
Γopt
0.8 dB
VDS = 2 V
100
80
60
40
20
0
-2.0
-1.0
0
TYPICAL CONSTANT NOISE FIGURE
CIRCLE (VDS = 2 V, IDS = 15 mA, f = 4 GHz)


Similar Part No. - NE334S01-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE334S01-T1 NEC-NE334S01-T1 Datasheet
74Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE334S01-T1 CEL-NE334S01-T1 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
logo
NEC
NE334S01-T1B NEC-NE334S01-T1B Datasheet
74Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE334S01-T1B CEL-NE334S01-T1B Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
More results

Similar Description - NE334S01-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE434S01 NEC-NE434S01_98 Datasheet
41Kb / 5P
   C BAND SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE334S01 CEL-NE334S01 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
NE434S01 CEL-NE434S01 Datasheet
42Kb / 5P
   C BAND SUPER LOW NOISE HJ FET
logo
NEC
NE434S01 NEC-NE434S01 Datasheet
77Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE334S01 NEC-NE334S01 Datasheet
74Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE23300 CEL-NE23300 Datasheet
58Kb / 5P
   SUPER LOW NOISE HJ FET
NE33284 CEL-NE33284 Datasheet
54Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200 CEL-NE33200 Datasheet
87Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE33284A NEC-NE33284A_98 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200N NEC-NE33200N Datasheet
85Kb / 7P
   SUPER LOW NOISE HJ FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com