Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDL7603PD Datasheet(PDF) 2 Page - NEC

Part # NDL7603PD
Description  1310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7603PD Datasheet(HTML) 2 Page - NEC

  NDL7603PD Datasheet HTML 1Page - NEC NDL7603PD Datasheet HTML 2Page - NEC NDL7603PD Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ABSOLUTE MAXIMUM RATINGS1
(TC = 25
°C, unless otherwise specified)
SYMBOLS
PARAMETERS
UNITS
RATINGS
Pf
Optical Output Power
mW
5
from Fiber
IF
Forward Current of LD
mA
150
VR
Reverse Voltage of LD
V
2
IF
Forward Current of PD
mA
2
VR
Reverse Voltage of PD
V
15
TC
Operating Case Temperature
°C
-40 to +85
TSTG
Storage Temperature
°C
-40 to +85
TSLD
Lead Soldering
Temperature (10 s)
°C
260
TYPICAL PERFORMANCE CURVES (TC = 25°C unless otherwise specified)
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
NDL7603P SERIES
OPERATING CURRENT AND
THRESHHOLD CURRENT
vs. CASE TEMPERATURE
Case Temperature, TC (
°C)
Case Temperature, TC (
°C)
TEMPERATURE DEPENDENCE OF
PEAK EMISSION WAVELENGTH
FORWARD CURRENT vs.
FORWARD VOLTAGE
Forward Voltage, VF (V)
PART NUMBER
AVAILABLE CONNECTOR
FLANGE TYPE
NDL7603P
Without Connector
No Flange
NDL7603PC
With FC-PC Connector
NDL7603PD
With SC-PC Connector
NDL7603P1
Without Connector
Flat Mount
NDL7603P1C
With FC-PC Connector
Flange
NDL7603P1D
With SC-PC Connector
NDL7603P2
Without Connector
Vertical Mount
NDL7603P2C
With FC-PC Connector
Flange
NDL7603P2D
With SC-PC Connector
ORDERING INFORMATION
TEMPERATURE DEPENDENCE OF
DIFFERENTIAL EFFICIENCY
FROM FIBER
ITH
IOP@Pf = 2 mW
100
10
1
-60
-40
-20
0
20
40
60
80
100
1320
1315
1310
1305
1300
-60
-40
-20
0
20
40
60
80
100
-60
-40
-20
0
20
40
60
80
100
0.18
0.12
0.06
0.00
100
80
60
40
20
0
0
0.5
1.0
1.5
2.0
2.5
Case Temperature, TC (
°C)


Similar Part No. - NDL7603PD

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7603PD NEC-NDL7603PD Datasheet
74Kb / 8P
   1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
logo
Renesas Technology Corp
NDL7603PD RENESAS-NDL7603PD Datasheet
198Kb / 10P
   LASER DIODE
1996
More results

Similar Description - NDL7603PD

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7705P NEC-NDL7705P_00 Datasheet
48Kb / 4P
   1500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7705P NEC-NDL7705P Datasheet
82Kb / 8P
   1 500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7603P NEC-NDL7603P Datasheet
74Kb / 8P
   1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7620P NEC-NDL7620P_00 Datasheet
45Kb / 4P
   1310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB LASER DIODE COAXIAL MODULE FOR 2.5 Gb/s
NDL7701P NEC-NDL7701P_00 Datasheet
36Kb / 2P
   1550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB DC-PBH LASER DIODE MODULE
NDL7660P NEC-NDL7660P Datasheet
69Kb / 6P
   1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
NDL7673P NEC-NDL7673P Datasheet
55Kb / 6P
   1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
logo
California Eastern Labs
NX8304BE CEL-NX8304BE Datasheet
106Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8300BE CEL-NX8300BE Datasheet
126Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
logo
NEC
NDL7670P NEC-NDL7670P Datasheet
69Kb / 6P
   1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com