Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRSX101M16V6.3X11TRF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRSX101M16V6.3X11TRF
Description  Miniature Aluminum Electrolytic Ca pac i tors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSX101M16V6.3X11TRF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRSX101M16V6.3X11TRF Datasheet HTML 1Page - NIC-Components Corp. NRSX101M16V6.3X11TRF Datasheet HTML 2Page - NIC-Components Corp. NRSX101M16V6.3X11TRF Datasheet HTML 3Page - NIC-Components Corp. NRSX101M16V6.3X11TRF Datasheet HTML 4Page - NIC-Components Corp. NRSX101M16V6.3X11TRF Datasheet HTML 5Page - NIC-Components Corp. NRSX101M16V6.3X11TRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NIC COMPONENTS
www.niccomp.com
www.lowESR.com
www.RFpassives.com
28
®
NIC COMPONENTS
www.niccomp.com
www.lowESR.com
www.RFpassives.com
29
®
Miniature Aluminum Electrolytic Capacitors
STANDARD PRODUCTS, CASE SIZES AND SPECIFICATIONS
NRSX Series
.
V
.
W
)
c
d
V
(
.
p
a
C
e
z
i
S
e
s
a
C
D
φ L
x (
)
m
m
e
c
a
p
S
d
a
e
L
)
m
m
(
n
a
T
.
x
a
M
δ
z
H
0
2
1
t
a
(
C
L
.
x
a
M
µ )
A
s
e
t
u
n
i
m
2
(
Z
.
x
a
M
Ω)
C
°
0
2
/
z
h
K
0
0
1
t
n
e
r
r
u
C
e
l
p
p
i
R
.
x
a
M
)
s
m
r
A
m
(
C
°
5
0
1
/
z
h
K
0
0
1
(
µ )
F
e
d
o
C
3
.
6
7
2
0
7
2
7
x
4
5
.
1
2
2
.
0
0
.
3
0
.
2
5
6
6
5
0
6
5
7
x
5
0
.
2
2
2
.
0
5
.
3
5
9
.
0
0
2
1
0
0
1
1
0
1
1
1
x
5
0
.
2
2
2
.
0
3
.
6
2
4
.
0
0
9
1
0
2
1
1
2
1
7
x
3
.
6
5
.
2
2
2
.
0
5
.
7
5
4
.
0
0
0
2
0
2
2
1
2
2
1
1
x
3
.
6
5
.
2
2
2
.
0
9
.
3
1
2
2
.
0
0
0
3
0
7
2
1
7
2
1
1
x
3
.
6
5
.
2
2
2
.
0
0
.
7
1
2
2
.
0
0
0
3
0
3
3
1
3
3
1
1
x
3
.
6
5
.
2
2
2
.
0
8
.
0
2
0
3
.
0
0
8
2
0
9
3
1
9
3
5
.
1
1
x
8
5
.
3
2
2
.
0
6
.
4
2
1
1
.
0
0
6
5
0
7
4
1
7
4
5
.
1
1
x
8
5
.
3
2
2
.
0
6
.
9
2
1
1
.
0
0
6
5
0
6
5
1
6
5
5
.
2
1
x
8
5
.
3
2
2
.
0
3
.
5
3
1
1
.
0
0
7
5
0
2
8
1
2
8
5
1
x
8
5
.
3
2
2
.
0
7
.
1
5
5
8
0
.
0
3
7
5
.
2
1
x
0
1
0
.
5
0
0
8
0
0
2
1
2
2
1
0
2
x
8
5
.
3
2
2
.
0
6
.
5
7
9
6
0
.
0
0
8
6
1
x
0
1
0
.
5
2
6
0
.
0
5
0
1
0
0
5
1
2
5
1
0
2
x
0
1
0
.
5
3
2
.
0
5
.
4
9
4
4
0
.
0
5
2
1
6
1
x
5
.
2
1
2
6
0
.
0
5
1
1
0
0
8
1
2
8
1
2
2
x
0
1
0
.
5
3
2
.
0
3
1
1
9
3
0
.
0
5
4
1
0
0
2
2
2
2
2
2
2
x
0
1
0
.
5
4
2
.
0
9
3
1
9
3
0
.
0
5
4
1
0
0
7
2
2
7
2
0
2
x
5
.
2
1
0
.
5
5
2
.
0
0
7
1
8
3
0
.
0
0
6
1
0
0
3
3
2
3
3
0
2
x
5
.
2
1
0
.
5
6
2
.
0
8
0
2
8
3
0
.
0
0
6
1
0
0
9
3
2
9
3
5
2
x
5
.
2
1
0
.
5
7
2
.
0
6
4
2
9
2
0
.
0
0
8
1
0
0
6
5
2
6
5
5
2
x
5
.
2
1
0
.
5
0
3
.
0
3
5
3
1
3
0
.
0
8
7
1
0
0
8
6
2
8
6
5
2
x
6
1
5
.
7
2
3
.
0
8
2
4
2
2
0
.
0
0
1
2
0
0
2
8
2
2
8
5
.
1
3
x
6
1
5
.
7
5
3
.
0
7
1
5
8
1
0
.
0
5
3
2
0
0
0
0
1
3
0
1
5
3
x
6
1
5
.
7
8
3
.
0
0
3
6
8
1
0
.
0
5
5
2
0
0
0
2
1
3
2
1
5
.
5
3
x
8
1
5
.
7
2
4
.
0
6
5
7
5
1
0
.
0
0
2
3
0
0
0
5
1
3
5
1
5
.
5
3
x
8
1
5
.
7
8
4
.
0
5
4
9
5
1
0
.
0
0
2
3
0
1
2
2
0
2
2
7
x
4
5
.
1
9
1
.
0
0
.
3
5
1
.
1
0
9
9
3
0
9
3
7
x
5
0
.
2
9
1
.
0
9
.
3
9
4
.
0
6
1
2
8
0
2
8
1
1
x
5
0
.
2
9
1
.
0
2
.
8
2
4
.
0
9
1
7
x
3
.
6
5
.
2
4
2
.
0
8
2
0
0
1
1
0
1
1
1
x
5
0
.
2
9
1
.
0
0
1
2
4
.
0
9
1
0
5
1
1
5
1
1
1
x
3
.
6
5
.
2
9
1
.
0
5
1
2
2
.
0
0
3
0
8
1
1
8
1
1
1
x
3
.
6
5
.
2
9
1
.
0
8
1
2
2
.
0
0
3
0
2
2
1
2
2
1
1
x
3
.
6
5
.
2
9
1
.
0
2
2
2
2
.
0
0
3
0
3
3
1
3
3
5
.
1
1
x
8
5
.
3
9
1
.
0
3
3
1
1
.
0
6
5
LEADSPACING AND DIAMETER (mm)
SLEEVE COLOR: DARK BROWN
.
a
i
D
e
s
a
C
7
x
4
7
x
5
7
x
3
.
6
1
1
x
5
1
1
x
3
.
6
8
φ
5
.
2
1
~
0
1
φ
8
1
~
6
1
φ
)
F
(
e
c
a
p
S
d
a
e
L
5
.
1
0
.
2
5
.
2
0
.
2
5
.
2
5
.
3
0
.
5
5
.
7
d
(
.
a
i
D
d
a
e
L
φ)
5
4
.
0
5
.
0
6
.
0
8
.
0
β = 1.5 L < 20 or 2.0 L > 20
d
φ ± 0.05
Insulation Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking


Similar Part No. - NRSX101M16V6.3X11TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSX NIC-NRSX_14 Datasheet
589Kb / 9P
   Miniature Aluminum Electrolytic Ca pac i tors
More results

Similar Description - NRSX101M16V6.3X11TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSX NIC-NRSX_14 Datasheet
589Kb / 9P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSZC NIC-NRSZC_14 Datasheet
147Kb / 4P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSK NIC-NRSK Datasheet
125Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSG NIC-NRSG Datasheet
240Kb / 3P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSJ NIC-NRSJ Datasheet
171Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSZC NIC-NRSZC Datasheet
52Kb / 4P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSK NIC-NRSK_14 Datasheet
627Kb / 5P
   Miniature Aluminum Electrolytic Cap ac i tors
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com