Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDL7513P Datasheet(PDF) 2 Page - NEC

Part # NDL7513P
Description  InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE FOR 1310 nm OTDR APPLICATION
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7513P Datasheet(HTML) 2 Page - NEC

  NDL7513P_00 Datasheet HTML 1Page - NEC NDL7513P_00 Datasheet HTML 2Page - NEC NDL7513P_00 Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ABSOLUTE MAXIMUM RATINGS1
(TC = 25
°C, unless otherwise specified)
SYMBOLS
PARAMETERS
UNITS
RATINGS
IFP
Pulsed Forward Current2
mA
600
VR
Reverse Voltage
V
2.0
TC
Operating Case Temperature
°C
-20 to +60
TSTG
Storage Temperature
°C
-40 to +85
TSLD
Lead Soldering
°C
260
Temperature (10 sec)
OPTICAL OUTPUT POWER FROM FIBER vs.
LD PULSE FORWARD CURRENT
Wavelength,
λ (nm)
LONGITUDINAL MODE
(FROM FIBER)
Pulsed Forward Current, IFP (mA)
TYPICAL PERFORMANCE CURVES (TC = 25°C, unless otherwise specified)
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. Pulse Condition: Pulse Width (PW) = 10
µs, Duty = 1 %.
NDL7513P SERIES
PW = 10
µs
Duty = 1
%
25
°C
60
°C
120
60
0
100
200
300
400
0
20
40
100
80
1310 nm
5 nm/div
ORDERING INFORMATION
PART NUMBER
DESCRIPTION
FLANGE TYPE
NDL7513P
Without Connector
No Flange
NDL7513PC
With FC-PC Connector
NDL7513PD
With SC-PC Connector
NDL7513P1
Without Connector
Flat Mount
NDL7513P1C
With FC-PC Connector
Flange
NDL7513P1D
With SC-PC Connector


Similar Part No. - NDL7513P_00

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7513P1 NEC-NDL7513P1 Datasheet
60Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7513P1 NEC-NDL7513P1 Datasheet
63Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7513P1 NEC-NDL7513P1 Datasheet
63Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7513P1 NEC-NDL7513P1 Datasheet
61Kb / 8P
   InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
NDL7513P1 NEC-NDL7513P1 Datasheet
66Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1550nm OTDR APPLICATION
More results

Similar Description - NDL7513P_00

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7553P NEC-NDL7553P_00 Datasheet
29Kb / 3P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE FOR 1550 nm OTDR APPLICATION
NDL7513P NEC-NDL7513P Datasheet
63Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7514P NEC-NDL7514P Datasheet
63Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7514P NEC-NDL7514P_00 Datasheet
28Kb / 2P
   1310 nm InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE
NDL7553P NEC-NDL7553P Datasheet
66Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1550nm OTDR APPLICATION
NDL7563P NEC-NDL7563P Datasheet
61Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1550nm OTDR APPLICATION
NDL7564P NEC-NDL7564P Datasheet
60Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1550nm OTDR APPLICATION
NDL7503P NEC-NDL7503P Datasheet
60Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
logo
California Eastern Labs
NX7563JB-BC CEL-NX7563JB-BC Datasheet
978Kb / 6P
   InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 550 nm OTDR APPLICATION
logo
NEC
NDL7515P NEC-NDL7515P Datasheet
61Kb / 8P
   InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com