Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R1LV0416C-I Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # R1LV0416C-I
Description  Wide Temperature Range Version 4M SRAM (256-kword16-bit)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LV0416C-I Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button R1LV0416C-I Datasheet HTML 10Page - Renesas Technology Corp R1LV0416C-I Datasheet HTML 11Page - Renesas Technology Corp R1LV0416C-I Datasheet HTML 12Page - Renesas Technology Corp R1LV0416C-I Datasheet HTML 13Page - Renesas Technology Corp R1LV0416C-I Datasheet HTML 14Page - Renesas Technology Corp R1LV0416C-I Datasheet HTML 15Page - Renesas Technology Corp R1LV0416C-I Datasheet HTML 16Page - Renesas Technology Corp R1LV0416C-I Datasheet HTML 17Page - Renesas Technology Corp R1LV0416C-I Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
R1LV0416C-I Series
Rev.2.00, May.26.2004, page 14 of 16
Low VCC Data Retention Characteristics
(Ta =
−40 to +85°C)
Parameter
Symbol
Min Typ
Max Unit Test conditions*
3
VCC for data retention
VDR
2.0
V
Vin
≥ 0V
(1) 0 V
≤ CS2 ≤ 0.2 V or
(2) CS2
≥ VCC − 0.2 V,
CS1#
≥ VCC − 0.2 V or
(3) LB# = UB#
≥ VCC − 0.2 V,
CS2
≥ VCC − 0.2 V,
CS1#
≤ 0.2 V
to +85
°C
ICCDR
10
µA
to +70
°C
ICCDR
8
µA
to +40
°C
ICCDR
0.7*
2
3
µA
−5SI
to +25
°C
ICCDR
0.5*
1
3
µA
to +85
°C
ICCDR
20
µA
to +70
°C
ICCDR
16
µA
to +40
°C
ICCDR
0.7*
2
10
µA
VCC = 3.0 V, Vin
≥ 0V
(1) 0 V
≤ CS2 ≤ 0.2 V or
(2) CS2
≥ VCC − 0.2 V,
CS1#
≥ VCC − 0.2 V or
(3) LB# = UB#
≥ VCC − 0.2 V,
CS2
≥ VCC − 0.2 V,
CS1#
≤ 0.2 V
Data
retention
current
−7LI
to +25
°C
ICCDR
0.5*
1
10
µA
Chip deselect to data retention time
tCDR
0
ns
See retention waveform
Operation recovery time
tR
tRC*
4
ns
Notes: 1. Typical values are at VCC = 3.0 V, Ta = +25
°C and specified loading, and not guaranteed.
2. Typical values are at VCC = 3.0 V, Ta = +40
°C and specified loading, and not guaranteed.
3. CS2 controls address buffer, WE# buffer, CS1# buffer, OE# buffer, LB#, UB# buffer and Din
buffer. If CS2 controls data retention mode, Vin levels (address, WE#, OE#, CS1#, LB#, UB#,
I/O) can be in the high impedance state. If CS1# controls data retention mode, CS2 must be
CS2
≥ VCC − 0.2 V or 0 V ≤ CS2 ≤ 0.2 V. The other input levels (address, WE#, OE#, LB#, UB#,
I/O) can be in the high impedance state.
4. tRC = read cycle time.


Similar Part No. - R1LV0416C-I

ManufacturerPart #DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
R1LV0416CBG-5SI RENESAS-R1LV0416CBG-5SI Datasheet
146Kb / 16P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
R1LV0416CBG-7LI RENESAS-R1LV0416CBG-7LI Datasheet
146Kb / 16P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
R1LV0416CBG-I RENESAS-R1LV0416CBG-I Datasheet
146Kb / 16P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
More results

Similar Description - R1LV0416C-I

ManufacturerPart #DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
R1LV0416CBG-I RENESAS-R1LV0416CBG-I Datasheet
146Kb / 16P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
R1LV0414C-I RENESAS-R1LV0414C-I Datasheet
113Kb / 13P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
R1RW0416DI RENESAS-R1RW0416DI Datasheet
93Kb / 14P
   Wide Temperature Range Version 4M High Speed SRAM (256-kword 횞 16-bit)
R1RW0416DI RENESAS-R1RW0416DI_10 Datasheet
472Kb / 13P
   Wide Temperature Range Version 4M High Speed SRAM (256-kword 횞 16-bit)
Hitachi Semiconductor
Hitachi Semiconductor
HM62W16255HCI HITACHI-HM62W16255HCI Datasheet
86Kb / 17P
   Wide Temperature Range Version 4M High Speed SRAM (256-kword 쨈 16-bit)
Renesas Technology Corp
Renesas Technology Corp
R1RP0416DI RENESAS-R1RP0416DI_15 Datasheet
119Kb / 16P
   Wide Temperature Range Version 4M High Speed SRAM (256-kword 횞 16-bit)
HM62V16256CI RENESAS-HM62V16256CI Datasheet
100Kb / 20P
   Wide Temperature Range Version 4 M SRAM (256-kword 쨈 16-bit)
R1LV0408C-I RENESAS-R1LV0408C-I Datasheet
93Kb / 14P
   Wide Temperature Range Version 4M SRAM (512-kword 횞 8-bit)
R1LV0416D RENESAS-R1LV0416D Datasheet
529Kb / 17P
   4M SRAM (256-kword 횞 16-bit)
R1LV0414D RENESAS-R1LV0414D Datasheet
478Kb / 14P
   4M SRAM (256-kword 횞 16-bit)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com