Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R1LV0416C-I Datasheet(PDF) 1 Page - Renesas Technology Corp

Part No. R1LV0416C-I
Description  Wide Temperature Range Version 4M SRAM (256-kword × 16-bit)
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R1LV0416C-I Datasheet(HTML) 1 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Rev.2.00, May.26.2004, page 1 of 16
R1LV0416C-I Series
Wide Temperature Range Version
4M SRAM (256-kword
× 16-bit)
REJ03C0105-0200Z
Rev. 2.00
May.26.2004
Description
The R1LV0416C-I is a 4-Mbit static RAM organized 256-kword
× 16-bit. R1LV0416C-I Series has
realized higher density, higher performance and low power consumption by employing CMOS process
technology (6-transistor memory cell). The R1LV0416C-I Series offers low power standby power
dissipation; therefore, it is suitable for battery backup systems. It has packaged in 44-pin TSOP II.
Features
• Single 2.5 V and 3.0 V supply: 2.2 V to 3.6 V
• Fast access time: 55/70 ns (max)
• Power dissipation:
 Active: 5.0 mW/MHz (typ)(V
CC = 2.5 V)
: 6.0 mW/MHz (typ) (VCC = 3.0 V)
 Standby: 1.25 µW (typ) (V
CC = 2.5 V)
: 1.5
µW (typ) (V
CC = 3.0 V)
• Completely static memory.
 No clock or timing strobe required
• Equal access and cycle times
• Common data input and output.
 Three state output
• Battery backup operation.
 2 chip selection for battery backup
• Temperature range: −40 to +85°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn