Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MC2210 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. MC2210
Description  Open Carrier Double-Balanced Mixer For Microwave Telecommunications
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

MC2210 Datasheet(HTML) 1 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
!
"
!
"
!
"
! #
$
!
!
%&
&
'()
*
&
'()
+ ,- &
'()
%& ,*+ . /
0
12&3+
24%5
3+
-*&6 *+
7 +
2 .* 4-.
"
3-
$8
8
!
9
:!
$
!
;9
!
<$ #
!
##
!
"
:!
$
)
6 "
=; !: <$
!
8
8 !
!
8 $!
!
! #
!
"
!
8 $
#"
!
8>#"
$
!
"
+ #
,-
$#
"
"
$
" :"
#
$
!
8; #
$
!
!
;
=
$
!
!$ 9
> $
8;
.!? !
!
! !: ?
8
3+%>6 ,>
9
3+%>6 ,>
9
3+%>, %>
9 ! $
;
3-
&# ! -
! " #!
$ " %&! '
( )
*
+,
-
.
/
-+
0
%1#2.
3#42
%5#2.
660 - !?
! %
1
5@ 660 2
:$
1
5
*A
'()9%A
'()9+A
'()
*A
'()9%A
'()9+A
'()
0
0
+
!9%
* 1 !5
%A
'()
0
+
!9%
+1 !5
%A
'()
0
+
!9*
+1 !5
%A
'()
0
0 - !?
! -
#
%A /
0
0
/
+!#$ +7
0
/


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn