Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMBD2837 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMBD2837
Description  High-speed double diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBD2837 Datasheet(HTML) 4 Page - NXP Semiconductors

  PMBD2837 Datasheet HTML 1Page - NXP Semiconductors PMBD2837 Datasheet HTML 2Page - NXP Semiconductors PMBD2837 Datasheet HTML 3Page - NXP Semiconductors PMBD2837 Datasheet HTML 4Page - NXP Semiconductors PMBD2837 Datasheet HTML 5Page - NXP Semiconductors PMBD2837 Datasheet HTML 6Page - NXP Semiconductors PMBD2837 Datasheet HTML 7Page - NXP Semiconductors PMBD2837 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1996 Sep 18
4
Philips Semiconductors
Product specification
High-speed double diodes
PMBD2837; PMBD2838
ELECTRICAL CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1. Device mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per diode
VF
forward voltage
see Fig.3
IF =1mA
715
mV
IF =10mA
855
mV
IF =50mA
1V
IF = 150 mA
1.25
V
IR
reverse current
see Fig.5
PMBD2837
VR =30V
100
nA
VR =30V; Tj = 150 °C
40
µA
PMBD2838
VR =50V
100
nA
VR =50V; Tj = 150 °C
50
µA
Cd
diode capacitance
f = 1 MHz; VR = 0; see Fig.6
2.5
pF
trr
reverse recovery time
when switched from IF = 10 mA to
IR = 10 mA; RL = 100 Ω;
measured at IR = 1 mA; see Fig.7
4ns
Vfr
forward recovery voltage
when switched from IF = 10 mA;
tr = 20 ns; see Fig.8
1.75
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
360
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W


Similar Part No. - PMBD2837

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBD2835 PHILIPS-PMBD2835 Datasheet
43Kb / 8P
   High-speed double diodes
1996 Sep 18
PMBD2836 PHILIPS-PMBD2836 Datasheet
43Kb / 8P
   High-speed double diodes
1996 Sep 18
More results

Similar Description - PMBD2837

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBD2835 PHILIPS-PMBD2835 Datasheet
43Kb / 8P
   High-speed double diodes
1996 Sep 18
1PS89SS04 PHILIPS-1PS89SS04 Datasheet
76Kb / 12P
   High-speed double diodes
1999 Jun 08
BA316 PHILIPS-BA316 Datasheet
39Kb / 7P
   High-speed diodes
1996 Sep 03
1N4148113 NXP-1N4148113 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
PMLL4148 PHILIPS-PMLL4148 Datasheet
51Kb / 8P
   High-speed diodes
1999 May 27
PMLL4150 PHILIPS-PMLL4150 Datasheet
37Kb / 9P
   High-speed diodes
1996 Sep 18
1N4150 PHILIPS-1N4150 Datasheet
53Kb / 8P
   High-speed diodes
1999 Jun 01
1N4148 NXP-1N4148 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
1N4531 PHILIPS-1N4531_15 Datasheet
127Kb / 9P
   High-speed diodes
1996 Sep 03
1N4446 PHILIPS-1N4446 Datasheet
69Kb / 7P
   High-speed diodes
1996 Apr 15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com