Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSP150M8D2TRF Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NSP150M8D2TRF
Description  Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSP150M8D2TRF Datasheet(HTML) 5 Page - NIC-Components Corp.

  NSP150M8D2TRF Datasheet HTML 1Page - NIC-Components Corp. NSP150M8D2TRF Datasheet HTML 2Page - NIC-Components Corp. NSP150M8D2TRF Datasheet HTML 3Page - NIC-Components Corp. NSP150M8D2TRF Datasheet HTML 4Page - NIC-Components Corp. NSP150M8D2TRF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
68
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
CARRIER TAPE DIMENSIONS (mm)
REEL DIMENSIONS (mm)
E
C
D
A
W
T
B
t
R:1.0
Surface Mount Specialty Polymer Solid Aluminum
Electrolytic Capacitors
NSP Series
RECOMMENDED LAND PATTERNS (mm)
DIMENSIONS (mm)
Please note the NSP series will fit on standard
“D” and “E” size (7343) tantalum chip capacitor
land patterns
PART MARKING
Capacitance (
µF)
Anode Polarity Indicator
Voltage Code
Date Code
J
10
64721
W
W1
H
L
S
VOLTAGE CODES
A
C
B
Case Code
L ±0.4
W ±0.3
H
W1 ±0.2
S ±0.3
D2 ~ D6
7.3
4.3
see values table
2.4
1.3
Voltage
Code
2.0Vdc
D
2.5Vdc
E
6.3Vdc
J
8Vdc
K
12.5Vdc
B
16Vdc
C
Case Code
A
B
C
D2 ~ D6
2.8
4.0
8.8
Case
Code
A±0.2 B±0.2
D
φ
E±0.1 F±0.1 P
o±0.1
P
1±0.1
t±0.2 W±0.3
D5
7.7
4.6
1.5 +0.1
1.75
5.5
4.0
8.0
1.5
12.0
D2, D6
2.1
D3
3.4
D4
4.5
A±2.0
B min.
C±0.5
D±0.8
E±0.5
T±1.0
t
W±1.0
330
50
13.0
21.0
2.0
20.0
3.0
14
Case
Code
Reel
Quantity
D5, D6,
D2
3,500
D3, D4
2,000


Similar Part No. - NSP150M8D2TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSP150M8D2ATRF NIC-NSP150M8D2ATRF Datasheet
257Kb / 6P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
More results

Similar Description - NSP150M8D2TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSP NIC-NSP_14 Datasheet
257Kb / 6P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
NPC NIC-NPC_14 Datasheet
103Kb / 4P
   Surface Mount Solid Polymer Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECG-C0JB220R PANASONIC-ECG-C0JB220R Datasheet
349Kb / 4P
   Specialty Polymer Aluminum Electrolytic Capacitors/CB
logo
Kemet Corporation
A765EB397M0ELAE020 KEMET-A765EB397M0ELAE020 Datasheet
4Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
A767EB226M1HLAE050 KEMET-A767EB226M1HLAE050 Datasheet
3Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com