Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASW-000822-12770T Datasheet(PDF) 3 Page - Tyco Electronics

Part # MASW-000822-12770T
Description  HMICTM PIN Diode SP2T 8 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASW-000822-12770T Datasheet(HTML) 3 Page - Tyco Electronics

  MASW-000822-12770T Datasheet HTML 1Page - Tyco Electronics MASW-000822-12770T Datasheet HTML 2Page - Tyco Electronics MASW-000822-12770T Datasheet HTML 3Page - Tyco Electronics MASW-000822-12770T Datasheet HTML 4Page - Tyco Electronics MASW-000822-12770T Datasheet HTML 5Page - Tyco Electronics MASW-000822-12770T Datasheet HTML 6Page - Tyco Electronics MASW-000822-12770T Datasheet HTML 7Page - Tyco Electronics MASW-000822-12770T Datasheet HTML 8Page - Tyco Electronics MASW-000822-12770T Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HMICTM PIN Diode SP2T 8 Watt Switch
for 0.05 – 6.0 GHz Higher Power Applications
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Rev 1.0
3
MASW-000822-12770T
RoHS
Compliant
Electrical Specifications @ +25 °C, Characteristic Impedance, Zo = 50
Ω
Notes:
1. Data is taken on M/A-COM evaluation board 1000029181-0000001 @ 25C by removing peripheral board losses
( connectors, transmission line, and bias elements ).
2. Typical PIN Diode Forward Voltage = + 0.9 V @ + 22 mA for Insertion Loss.
Typical PIN Diode Reverse Voltage = 12 V – 0.9 V = 11.1 V for Isolation
( See Bias Schematic Page 9 ).
3. Switch is Asymmetrical, + 39 dBm RF Input Power Applies to Tx Port Only.
4. Center Ground Area of MLP 3mm Package must be Attached to Thermal Ground for Optimum RF Power Performance.
Assembly Note:
A typical profile for a Sn 60/ Pb 40 Soldering process is provided in Application Note, “ M538 ” ,
“ Surface Mounting Instructions “ on the MA-COM website www.macom.com
Parameter
Symbol
Conditions
Units
Min
Typ
Max
Tx Input P0.2dB
Tx
IP0.2dB
3.5 GHz, Tx = +5.0 V@ +22mA, Rx =+12V @ 0mA
Tx To Antenna
dBm
36
Tx Input P1dB
Tx
IP1dB
3.5 GHz, Tx = +5.0 V@ +22mA, Rx =+12V @ 0mA
Tx To Antenna
dBm
40
Tx 2
nd Harmonic
Tx
2Fo
3.5 GHz, Tx = +5.0 V@ +22mA, Rx =+12V @ 0mA
Pin = + 30 dBm
dBc
68
Tx 3
rd Harmonic
Tx
3Fo
3.5 GHz, Tx = +5.0 V@ +22mA, Rx =+12V @ 0mA
Pin = + 30 dBm
dBc
84
Tx Input Third Order
Intercept Point
Tx
IIP3
Tx = +5.0 V@ +22mA, Rx =+12V @ 0mA
Pi= +10dBm, F1 = 3.500 GHz, F2 = 3.510 GHz
dBm
65
Tx C.W. Input Power
Tx
Pinc
Tx = +5.0 V@ +22mA, Rx =+12V @ 0mA
F = 3.5 GHz
dBm
39
Rx C.W. Input Power
Rx
Pinc
Rx = +5.0 V@ +22mA, Tx =+12V @ 0mA
F = 3.5 GHz
dBm
30
Tx RF Switching Speed
τ
RF
( 10-90% RF Voltage)
Tx = +5.0 V@ +22mA, Rx =+12V @ 0mA
1MHz Rep Rate in Modulating Mode
us
1
Tx EVM (OFDM)
EVM
Tx = +5.0 V@ +22mA, Rx =+12V @ 0mA
Pinc = +39 dBm
%
0.8


Similar Part No. - MASW-000822-12770T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-000822-12770T MA-COM-MASW-000822-12770T Datasheet
216Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch
MASW-000822-12770T MA-COM-MASW-000822-12770T Datasheet
216Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch
MASW-000822-12770T MA-COM-MASW-000822-12770T_15 Datasheet
812Kb / 6P
   HMIC PIN Diode SP2T 10 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000822-12770T_V6 MA-COM-MASW-000822-12770T_V6 Datasheet
216Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch
More results

Similar Description - MASW-000822-12770T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-000822-1277OT MA-COM-MASW-000822-1277OT Datasheet
215Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000825-12770T MA-COM-MASW-000825-12770T Datasheet
209Kb / 8P
   HMICTM PIN Diode SP2T 20 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000834-13560T MA-COM-MASW-000834-13560T Datasheet
255Kb / 12P
   HMICTM PIN Diode SPDT 50 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000822-12770T MA-COM-MASW-000822-12770T_15 Datasheet
812Kb / 6P
   HMIC PIN Diode SP2T 10 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000936 MA-COM-MASW-000936_15 Datasheet
650Kb / 8P
   PIN Diode SPDT 120 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000834_13560T MA-COM-MASW-000834_13560T_15 Datasheet
817Kb / 14P
   HMIC PIN Diode SPDT 50 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000822-12770T_V6 MA-COM-MASW-000822-12770T_V6 Datasheet
216Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch
MASW-000822-12770T MA-COM-MASW-000822-12770T Datasheet
216Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch
MASW-000825-12770T MA-COM-MASW-000825-12770T Datasheet
218Kb / 8P
   HMICTM PIN Diode SP2T 20 Watt Switch
MASW-000825-12770T_V4 MA-COM-MASW-000825-12770T_V4 Datasheet
218Kb / 8P
   HMICTM PIN Diode SP2T 20 Watt Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com