Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLMW333M25V25X25F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRLMW333M25V25X25F
Description  Large Can Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLMW333M25V25X25F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRLMW333M25V25X25F Datasheet HTML 1Page - NIC-Components Corp. NRLMW333M25V25X25F Datasheet HTML 2Page - NIC-Components Corp. NRLMW333M25V25X25F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
163
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Large Can Aluminum Electrolytic Capacitors
NRLMW Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
W.V.
Cap
(
µF)
Case
Size
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms@85°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
10
6,800
20x25
0.110
0.093
1.30
1.50
8,200
20x30
0.091
0.077
1.60
1.84
10,000 22x25
0.075
0.063
1.80
2.07
15,000 25x25
0.053
0.045
2.30
2.65
22,000
25x35
0.038
0.032
2.60
2.99
30x25
33,000
25x45
0.027
0.023
3.40
3.91
30x35
35x30
47,000
30x45
0.023
0.020
4.20
4.83
35x35
68,000 35x50
0.021
0.020
5.50
6.33
16
6,800
22x25
0.085
0.068
2.20
2.53
8,200
22x30
0.071
0.057
2.40
2.76
10,000 25x25
0.066
0.053
2.60
2.99
15,000
25x35
0046
0.037
3.20
3.68
30x30
22,000
25x45
0.033
0.028
3.80
4.37
30x35
35x30
33,000
30x45
0.023
0.020
4.70
5.41
35x35
47,000 35x45
0.020
0.018
5.50
6.33
56,000 35x50
0.019
0.017
6.00
6.90
25
4,700
22x25
0.106
0.079
2.00
2.30
6,800
25x25
0.073
0.055
2.40
2.76
8,200
25x30
0.061
0.045
2.70
3.11
30x25
10,000
25x35
0.051
0.039
3.00
3.45
30x30
15,000
25x45
0.036
0.031
3.60
4.14
30x35
35x30
22,000
30x45
0.025
0.022
4.30
4.95
35x35
33,000 35x50
0.018
0.016
5.50
6.33
35
3,300
22x25
0.121
0.090
1.90
2.19
4,700
25x25
0.088
0.066
2.20
2.53
6,800
25x35
0.061
0.046
2.60
2.99
30x30
8,200
25x40
0.051
0.038
2.90
3.34
30x30
35x25
10,000
25x45
0.041
0.031
3.20
3.68
30x35
35x30
15,000
30x45
0.030
0.022
3.90
4.49
35x35
22,000 35x50
0.023
0.017
5.00
5.75
W.V.
Cap
(
µF)
Case
Size
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms@85°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
50
2,200
22x30
0.105
0.079
1.70
1.96
3,300
25x30
0.070
0.053
2.00
2.30
4,700
25x40
0.053
0.040
2.50
2.88
30x30
35x25
6,800
25x50
0.046
0.035
3.30
3.80
30x40
35.30
8,200
30x45
0.038
0.029
3.60
4.14
35x35
10,000
30x50
0.033
0.025
4.00
4.60
35x40
15,000 35x50
0.022
0.018
4.80
5.52
63
1,500
22x30
0.188
0.141
1.50
1.73
2,200
25x30
0.128
0.096
2.00
2.30
3,300
25x40
0.090
0.068
2.50
2.88
30x30
35x25
4,700
25x50
0.063
0.048
3.00
3.45
30x40
35x30
6,800
30x50
0.049
0.037
3.60
4.14
35x40
8,200
35x45
0.040
0.030
3.90
4.49
10,000 35x50
0.033
0.028
4.40
5.06
80
1,000
25x25
0.182
0.119
1.30
1.50
1,500
25x30
0.133
0.093
1.70
1.96
2,200
25x35
0.090
0.063
2.10
2.42
30x30
35x25
3,300
25x50
0.065
0.049
2.60
2.99
30x40
35x30
4,700
30x50
0.049
0.037
2.60
2.99
35x40
6,800
35x50
0.041
0.031
3.90
4.49
100
820
25x25
0.202
0.121
1.40
2.10
1,000
25x30
0.182
0.109
1.70
2.55
1,500
25x40
0.122
0.079
2.10
3.15
30x30
35x25
2,200
25x50
0.090
0.059
2.60
3.90
30x40
35x30
3,300
30x50
0.075
0.053
3.20
4.80
35x40
4,700
35x50
0.053
0.040
3.80
5.70


Similar Part No. - NRLMW333M25V25X25F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLMW333M25V35X50F NIC-NRLMW333M25V35X50F Datasheet
94Kb / 5P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLMW333M25V25X25F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com