Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAPR-001011-850S00 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAPR-001011-850S00
Description  AVIONICS PULSED POWER TRANSISTOR 850 WATTS, 1025-1150 MHz, 10us PULSE, 1% DUTY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAPR-001011-850S00 Datasheet(HTML) 2 Page - Tyco Electronics

  MAPR-001011-850S00 Datasheet HTML 1Page - Tyco Electronics MAPR-001011-850S00 Datasheet HTML 2Page - Tyco Electronics MAPR-001011-850S00 Datasheet HTML 3Page - Tyco Electronics MAPR-001011-850S00 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AVIONICS PULSED POWER TRANSISTOR
850 WATTS, 1025-1150 MHz, 10us PULSE, 1% DUTY
MAPR-001011-850S00
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
2
11 Jan 2007
Gain vs. Frequency
Typical RF Performance
Freq.
(MHz)
Pin
(W)
Pout
(W)
Gain
(dB)
ΔGain
(dB)
Ic
(A)
Eff
(%)
RL
(dB)
VSWR-S
(1.5:1)
VSWR-T
(5:1)
P1dB Overdrive
Pout
Δ Po
1025
116
850
8.67
-
35.3
48.2
-18.3
S
P
974
0.59
1090
117
850
8.61
33.9
50.3
-16.3
S
-
1014
0.76
1150
112
850
8.42
32.1
53.0
-21.1
S
-
997
0.69
-
0.25
Note:
ΔPo(dB) is the difference between Pout at 1dB overdrive and Pout at Pout=850W.
Collector Efficiency vs. Frequency
7.4
7.8
8.2
8.6
9.0
9.4
1000
1050
1100
1150
1200
Fre q (M Hz)
30
36
42
48
54
60
1000
1050
1100
1150
1200
Fre q (M Hz)


Similar Part No. - MAPR-001011-850S00

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPR-001011-850S00 MA-COM-MAPR-001011-850S00 Datasheet
126Kb / 4P
   Avionics Pulsed Power Transistor 850W, 1025-1150 MHz, 10關s Pulse, 1% Duty
MAPR-001011-850S00 MA-COM-MAPR-001011-850S00 Datasheet
126Kb / 4P
   Avionics Pulsed Power Transistor
MAPR-001011-850S00 MA-COM-MAPR-001011-850S00 Datasheet
126Kb / 4P
   Avionics Pulsed Power Transistor
MAPR-001011-850S00 MA-COM-MAPR-001011-850S00_15 Datasheet
126Kb / 4P
   Avionics Pulsed Power Transistor
MAPR-001011-850S00 MA-COM-MAPR-001011-850S00_17 Datasheet
695Kb / 5P
   Avionics Pulsed Power Transistor
More results

Similar Description - MAPR-001011-850S00

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPR-001011-850S00 MA-COM-MAPR-001011-850S00 Datasheet
126Kb / 4P
   Avionics Pulsed Power Transistor 850W, 1025-1150 MHz, 10關s Pulse, 1% Duty
MAPR-001090-350S00 MA-COM-MAPR-001090-350S00 Datasheet
118Kb / 4P
   Avionics Pulsed Power Transistor 350W, 1025-1150 MHz, 10關s Pulse, 1% Duty
logo
Tyco Electronics
PH1090-550S MACOM-PH1090-550S Datasheet
64Kb / 2P
   Avionics Pulsed Power Transistor - 550 Watts,1030-1090 MHz, 10us Pulse, 1% Duty
MAPR-000912-500S00 MACOM-MAPR-000912-500S00 Datasheet
122Kb / 4P
   AVIONICS PULSED POWER TRANSISTOR 500 WATTS, 960-1215 MHz, 10us PULSE, 10% DUTY
logo
List of Unclassifed Man...
1090MP ETC-1090MP Datasheet
212Kb / 4P
   90 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
logo
RF Micro Devices
DME500 RFMD-DME500 Datasheet
251Kb / 3P
   500 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
logo
Tyco Electronics
MAPRST0912-50 MACOM-MAPRST0912-50 Datasheet
115Kb / 4P
   AVIONICS PULSED POWER TRANSISTOR 50 WATTS, 960-1215 MHz, 10us PULSE, 10% DUTY
logo
GHz Technology
DME375A GHZTECH-DME375A Datasheet
347Kb / 4P
   375 Watts, 50 Volts, Pulsed Avionics 1025-1150 MHz
DME150 GHZTECH-DME150 Datasheet
286Kb / 3P
   150 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
logo
Microsemi Corporation
DME150 MICROSEMI-DME150 Datasheet
426Kb / 2P
   150 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com