Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSP820M4D6ZTRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NSP820M4D6ZTRF
Description  Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSP820M4D6ZTRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NSP820M4D6ZTRF Datasheet HTML 1Page - NIC-Components Corp. NSP820M4D6ZTRF Datasheet HTML 2Page - NIC-Components Corp. NSP820M4D6ZTRF Datasheet HTML 3Page - NIC-Components Corp. NSP820M4D6ZTRF Datasheet HTML 4Page - NIC-Components Corp. NSP820M4D6ZTRF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
64
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Specialty Polymer Solid Aluminum
Electrolytic Capacitors
NSP Series
CHARACTERISTICS
STANDARD PRODUCTS AND SPECIFICATIONS
FEATURES
• NEW “X”, “Y” & "Z" TYPE HIGH RIPPLE CURRENT/VERY LOW ESR
• LOW PROFILE (1.1MM HEIGHT), RESIN PACKAGE
• REPLACES MULTIPLE TANTALUM CHIPS IN HIGH
CURRENT POWER SUPPLIES AND VOLTAGE REGULATORS
• FITS EIA (7343) “D” AND “E” TANTALUM CHIP LAND PATTERNS
• Pb-FREE AND COMPATIBLE WITH REFLOW SOLDERING
LOW ESR COMPONENT
SOLID POLYMER ELECTROLYTE
For Performance Data
see www.LowESR.com
Rated Working Range
2.0 ~ 16VDC
Rated Capacitance Range
2.2 ~ 560
µF
Operating Temperature Range
-40 ~ +105°C
Capacitance Tolerance
± 20% (M)
Max. Leakage Current (
µA)
After 2 Minutes (+20°C)
All Case Sizes
See Standard Products and
Specifications Tables
Max. Tan
δ, 120Hz, +20°C
High Temperature Load Life
1,000 Hours @ 105°C
at Rated Working Voltage
Capacitance Change
Within ±10% of initial measured value
Tan
δ
Less than specified max. value
Leakage Current
Less than specified max. value
Damp Heat Test
500 Hours @ +60°C at 90 ~ 95% RH
and Rated Working Voltage
Capacitance Change
8V ~ 16V
Within -20%/+40% of initial measured value
6.3V
Within -20%/+50% of initial measured value
4V
Within -20%/+60% of initial measured value
2V, 2.5V
Within -20%/+70% of initial measured value
Tan
δ
Less than 200% of specified max. value
Leakage Current
Less than specified max. value
NIC Part Number
(Reflow 240°C)
NIC Part Number
(Reflow 260°C)
WV
Cap.
Max. LC (
µA)
Tan
δ
Max. Ripple Current
+105°C & 100KHz (mA)
Max. ESR
+20°C & 100KHz (
Ω)
Height
H
(Vdc)
(
µF)
240°C
260°C
NSP680M2D5TRF
N/A
2.0
68
8.1
N/A
0.06
2,000
0.028
1.1±0.1
NSP101M2D2TRF
NSP101M2D2ATRF
100
12.0
20.0
0.06
2,500
0.018
1.8±0.1
NSP101M2D2XTRF
NSP101M2D2XATRF
100
12.0
20.0
0.06
2,700
0.015
1.8±0.1
NSP101M2D2ZTRF
NSP101M2D2ZATRF
100
12.0
20.0
0.06
3,000
0.009
1.8±0.1
NSP121M2D2TRF
NSP121M2D2ATRF
120
14.4
24.0
0.06
2,500
0.018
1.8±0.1
NSP121M2D2XTRF
NSP121M2D2XATRF
120
14.4
24.0
0.06
2,700
0.015
1.8±0.1
NSP121M2D2ZTRF
NSP121M2D2ZATRF
120
14.4
24.0
0.06
3,000
0.009
1.8±0.1
NSP151M2D2TRF
NSP151M2D2ATRF
150
18.0
30.0
0.06
2,500
0.018
1.8±0.1
NSP151M2D2ZTRF
NSP151M2D2ZATRF
150
18.0
30.0
0.06
3,000
0.009
1.8±0.1
NSP181M2D2TRF
NSP181M2D2ATRF
180
21.6
36.0
0.06
2,500
0.018
1.8±0.1
N/A
NSP181M2D2ZATRF
180
-
36.0
0.06
3,000
0.009
1.8±0.1
NSP181M2D6ZTRF
NSP181M2D6ZATRF
180
21.6
36.0
0.06
3,000
0.009
1.9±0.2
NSP181M2D3TRF
NSP181M2D3ATRF
180
21.6
36.0
0.10
3,000
0.015
2.8±0.2
NSP181M2D3XTRF
NSP181M2D3XATRF
180
21.6
36.0
0.10
3,300
0.012
2.8±0.2
N/A
NSP221M2D2ATRF
220
-
44.0
0.10
2,500
0.018
1.8±0.1
N/A
NSP221M2D2ZATRF
220
-
44.0
0.10
3,000
0.009
1.8±0.1
NSP221M2D3TRF
NSP221M2D3ATRF
220
26.4
44.0
0.10
3,000
0.015
2.8±0.2
NSP221M2D6ZTRF
NSP221M2D6ZATRF
220
26.4
44.0
0.10
3,000
0.009
1.9±0.2
NSP221M2D3XTRF
NSP221M2D3XATRF
220
26.4
44.0
0.10
3,300
0.012
2.8±0.2
N/A
NSP221M2D6ATRF
220
-
44.0
0.06
2,700
0.015
1.9±0.2
N/A
NSP271M2D6ZATRF
270
-
37.5
0.06
3,000
0.009
1.9±0.2
NSP271M2D3TRF
NSP271M2D3ATRF
270
32.4
54.0
0.10
3,000
0.015
2.8±0.2
NSP271M2D3XTRF
NSP271M2D3XATRF
270
32.4
54.0
0.10
3,300
0.012
2.8±0.2
N/A
NSP271M2D3YATRF
270
-
54.0
0.10
3,400
0.009
2.8±0.2
NSP271M2D3ZTRF
NSP271M2D3ZATRF
270
32.4
54.0
0.10
3,500
0.007
2.8±0.2
NSP271M2D4TRF
NSP271M2D4ATRF
270
32.4
54.0
0.10
3,300
0.012
4.2±0.1
NSP271M2D4XTRF
NSP271M2D4XATRF
270
32.4
54.0
0.10
3,500
0.010
4.2±0.1
N/A
NSP331M2D6ATRF
330
-
66.0
0.06
2,700
0.015
1.9±0.2
N/A
NSP331M2D6ZATRF
330
-
45.0
0.10
3,000
0.009
1.9±0.2
NSP331M2D3TRF
NSP331M2D3ATRF
330
39.6
66.0
0.10
3,000
0.015
2.8±0.2
NSP331M2D3XTRF
NSP331M2D3XATRF
330
39.6
66.0
0.10
3,300
0.012
2.8±0.2
N/A
NSP331M2D3YATRF
330
-
66.0
0.10
3,400
0.009
2.8±0.2
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
NSP rev. 1 05292007


Similar Part No. - NSP820M4D6ZTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSP820M4D6ZATRF NIC-NSP820M4D6ZATRF Datasheet
257Kb / 6P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
More results

Similar Description - NSP820M4D6ZTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSP NIC-NSP_14 Datasheet
257Kb / 6P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
NPC NIC-NPC_14 Datasheet
103Kb / 4P
   Surface Mount Solid Polymer Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECG-C0JB220R PANASONIC-ECG-C0JB220R Datasheet
349Kb / 4P
   Specialty Polymer Aluminum Electrolytic Capacitors/CB
logo
Kemet Corporation
A765EB397M0ELAE020 KEMET-A765EB397M0ELAE020 Datasheet
4Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
A767EB226M1HLAE050 KEMET-A767EB226M1HLAE050 Datasheet
3Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com