Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSRN100M6.3V4X5TBF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NSRN100M6.3V4X5TBF
Description  Non-Polar Aluminum Electrolytic Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSRN100M6.3V4X5TBF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NSRN100M6.3V4X5TBF Datasheet HTML 1Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
62
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Non-Polar Aluminum Electrolytic Capacitors
LOW PROFILE, SUB-MINIATURE, RADIAL LEADS,
NON-POLAR ALUMINUM ELECTROLYTIC
FEATURES
• BI-POLAR
• 5mm HEIGHT / LOW PROFILE
NSRN Series
MAXIMUMPERMISSIBLERIPPLECURRENT
(mA rms AT 120Hz AND 85oC )
µ �
��
µ �
��
µ �
��
STANDARD PRODUCT AND CASE SIZE TABLE D
φ x L (mm)
MAXIMUME.S.R. (
Ω AT 120Hz AND 20oC)
e
g
n
a
R
e
g
a
tl
o
V
d
e
t
a
R
c
d
V
0
5
~
3
.
6
e
g
n
a
R
e
c
n
a
ti
c
a
p
a
C
d
e
t
a
R
7
4
~
1
.
0
µF
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
5
8
+
~
0
4
-
O
C
t
n
e
r
r
u
C
e
g
a
k
a
e
L
.
x
a
M
0
2
t
A
e
t
u
n
i
m
1
r
e
tf
A
o
C
6
+
V
C
3
0
.
0
µ ,
A
r
e
t
a
e
r
g
s
i
r
e
v
e
h
c
i
h
w
n
a
T
.
x
a
M
&
e
g
a
tl
o
V
e
g
r
u
S
δ
)
c
d
V
(
.
V
.
W
3
.
6
0
1
6
1
5
2
5
3
0
5
)
c
d
V
(
.
V
.
S
8
3
1
0
2
2
3
4
4
3
6
n
a
T
δ t
a
0
2
/
z
H
0
2
1
o
C
4
2
.
0
2
2
.
0
0
2
.
0
0
2
.
0
0
2
.
0
8
1
.
0
y
ti
li
b
a
t
S
e
r
u
t
a
r
e
p
m
e
T
w
o
L
)
z
H
0
2
1
t
A
o
it
a
R
e
c
n
a
d
e
p
m
I
(
)
c
d
V
(
.
V
.
W
3
.
6
0
1
6
1
5
2
5
3
0
5
5
2
-
Z
o
0
2
+
Z
/
C
o
C
4
3
2
2
2
2
0
4
-
Z
o
0
2
+
Z
/
C
o
C
8
6
4
4
3
3
t
s
e
T
e
fi
L
d
a
o
L
5
8 o
g
n
i
s
r
e
v
e
r
(
s
r
u
o
H
0
0
0
,
1
C
)
s
r
u
o
h
0
5
2
y
r
e
v
e
y
ti
r
a
l
o
p
e
g
n
a
h
C
e
c
n
a
ti
c
a
p
a
C
n
i
h
ti
W
+
e
u
l
a
v
d
e
r
u
s
a
e
m
l
a
it
i
n
i
f
o
%
5
2
n
a
T
δ
e
u
l
a
v
d
e
if
i
c
e
p
s
f
o
%
0
0
2
n
a
h
t
s
s
e
L
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
u
l
a
v
d
e
if
i
c
e
p
s
n
a
h
t
s
s
e
L
CHARACTERISTICS
D
(
.
a
i
D
e
s
a
C
∅)
4
5
3
.
6
)
F
(
e
c
a
p
S
d
a
e
L
5
.
1
0
.
2
5
.
2
d
(
.
a
i
D
d
a
e
L
∅)
5
4
.
0
5
4
.
0
5
4
.
0
LEAD SPACING AND DIAMETER (mm)
d
φ ± 0.05
Insulation Sleeve
F ± 0.5
D
φ ± 0.5
4mm
Min.
15mm Min.
L + 1mm max.
NSRN 100 M 16V 5X5 F..............
RoHS Compliant
Case Size (D
φ x L)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
PART NUMBER SYSTEM
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com


Similar Part No. - NSRN100M6.3V4X5TBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSR NIC-NSR Datasheet
156Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
NSR VISHAY-NSR Datasheet
104Kb / 5P
   Wirewound Resistors, Noise Suppressor
Revision: 17-Oct-07
NSR VISHAY-NSR Datasheet
89Kb / 3P
   Wirewound Resistors, Noise Suppressor
Revision: 08-Jul-09
logo
Ulti-Mate Connector Inc
NSR-02P0-32F1-18.0 ULTI-MATE-NSR-02P0-32F1-18.0 Datasheet
87Kb / 1P
   NANO WIRED STRIP CONNECTOR PLUG (PINS), 2 POSITION NSR-02P0-32F1-18.0
12/20/2016
NSR-02P1-L05 ULTI-MATE-NSR-02P1-L05 Datasheet
95Kb / 1P
   NANO STRIP CONNECTOR, NSR-02P1-L05
1/19/19
More results

Similar Description - NSRN100M6.3V4X5TBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRESN NIC-NRESN_14 Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR_14 Datasheet
84Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR Datasheet
169Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRE-SN NIC-NRE-SN Datasheet
210Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRESN NIC-NRESN Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
SN330M6R3ST CDE-SN330M6R3ST Datasheet
419Kb / 4P
   85 쨘C Non-Polar Aluminum Electrolytic Capacitors
logo
NTE Electronics
NPR47M50 NTE-NPR47M50 Datasheet
81Kb / 2P
   NON−POLAR ALUMINUM ELECTROLYTIC
logo
RFE international
RN010M2ABK050110 RFE-RN010M2ABK050110 Datasheet
100Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RNG Series: Radial Non-Polar
RN010M2ABK063110 RFE-RN010M2ABK063110 Datasheet
101Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RN Series: Radial Non-Polar
logo
Illinois Capacitor, Inc...
474BPS050M ILLINOISCAPACITOR-474BPS050M Datasheet
114Kb / 3P
   85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com