Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRSZ681M6.3V10X20TBF Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NRSZ681M6.3V10X20TBF
Description  Miniature Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSZ681M6.3V10X20TBF Datasheet(HTML) 5 Page - NIC-Components Corp.

  NRSZ681M6.3V10X20TBF Datasheet HTML 1Page - NIC-Components Corp. NRSZ681M6.3V10X20TBF Datasheet HTML 2Page - NIC-Components Corp. NRSZ681M6.3V10X20TBF Datasheet HTML 3Page - NIC-Components Corp. NRSZ681M6.3V10X20TBF Datasheet HTML 4Page - NIC-Components Corp. NRSZ681M6.3V10X20TBF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
88
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
89
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
STANDARD PRODUCTS, CASE SIZES AND SPECIFICATIONS
Miniature Aluminum Electrolytic Capacitors
NRSZ Series
W.V.
(Vdc)
Cap.
(
µF)
Code
Case Size
D
φ x L(mm)
Lead
Space
(mm)
Max.
Tan
δ
Max. LC
(
µA)
Max. Impedance
Max. Ripple Current at
100KHz/105°C
(mA rms)
100KHz/20°C 100KHz/-10°C
63
18
180
5x11
2.0
0.08
7.6
1.6
3.2
140
33
330
6.3x11
2.5
0.08
17.0
0.90
1.8
200
39
390
6.3x11
2.5
0.08
24.6
0.90
1.8
200
47
470
8x11.5
3.5
0.08
29.6
0.52
1.04
275
56
560
8x11.5
3.5
0.08
35.3
0.52
1.04
275
68
680
8x11.5
3.5
0.08
42.8
0.52
1.04
275
82
820
8x15
3.5
0.08
51.7
0.34
0.68
360
120
121
8x20
3.5
0.08
75.6
0.21
0.42
510
10x12.5
5.0
0.08
75.6
0.26
0.52
420
150
151
8x20
3.5
0.08
94.5
0.18
0.36
690
10x16
5.0
0.08
91.5
0.20
0.40
525
220
221
10x20
5.0
0.08
138
0.15
0.30
765
270
271
10x22
5.0
0.08
170
0.12
0.24
840
330
331
12.5x20
5.0
0.08
208
0.10
0.20
960
470
471
12.5x25
5.0
0.08
296
0.064
0.13
1200
680
681
16x25
7.5
0.08
428
0.052
0.11
1500
1000
102
16x31.5
7.5
0.08
630
0.042
0.09
1750
100
1.0
1R0
5x11
2.0
0.07
3.0
4.1
8.2
97
5.6
5R6
5x11
2.0
0.07
5.6
2.7
5.4
120
10
100
6.3x11
2.5
0.07
10
1.4
2.8
120
12
120
6.3x11
2.5
0.07
12
1.4
2.8
170
15
150
8x11.5
3.5
0.07
15
0.81
1.62
230
22
220
8x11.5
3.5
0.07
22
0.81
1.62
230
27
270
8x15
3.5
0.07
27
0.64
1.3
295
39
390
8x20
3.5
0.07
39
0.36
0.72
400
47
470
10x16
5.0
0.07
47
0.35
0.70
420
68
680
10x20
5.0
0.07
68
0.24
0.48
630
100
101
12.5x20
5.0
0.07
100
0.15
0.30
800
150
151
12.5x25
5.0
0.07
150
0.11
0.22
920
18x15
7.5
0.07
150
0.12
0.24
917
220
221
16x25
7.5
0.07
220
0.071
0.15
1100
330
331
16x31.5
7.5
0.07
330
0.049
0.10
1490
390
391
16x35.5
7.5
0.07
390
0.043
0.09
1630
470
471
18x35.5
7.5
0.07
470
0.038
0.08
1700
Size (D
∅ x L)
Tape and Box*
NRSZ 102 M 35V 12.5x25
Series
TB
Capacitance Code
Tolerance Code
Rated Voltage
RoHS Compliant
F
PART NUMBERING SYSTEM
*see tape specification for details


Similar Part No. - NRSZ681M6.3V10X20TBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSZ681M63V16x25F NIC-NRSZ681M63V16x25F Datasheet
97Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
NRSZ681M63V8x15F NIC-NRSZ681M63V8x15F Datasheet
97Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRSZ681M6.3V10X20TBF

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com