Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH215 Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # AH215
Description  1 Watt, High Linearity InGaP HBT Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AH215 Datasheet(HTML) 2 Page - WJ Communication. Inc.

  AH215 Datasheet HTML 1Page - WJ Communication. Inc. AH215 Datasheet HTML 2Page - WJ Communication. Inc. AH215 Datasheet HTML 3Page - WJ Communication. Inc. AH215 Datasheet HTML 4Page - WJ Communication. Inc. AH215 Datasheet HTML 5Page - WJ Communication. Inc. AH215 Datasheet HTML 6Page - WJ Communication. Inc. AH215 Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 2 of 7 September 2005
AH215
1 Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge
TM
Typical Device Data
S-Parameters (Vcc = +5 V, Icc = 450 mA, T = 25 °C, calibrated to device leads)
0
0.5
1
1.5
2
2.5
Frequency (GHz)
Gain and Maximum Stable Gain
-10
-5
0
5
10
15
20
25
30
35
40
DB(|S[2,1]|)
DB(GMax)
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
S11
Swp Max
5.05GHz
Swp Min
0.05GHz
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
S22
Swp Max
5.05GHz
Swp Min
0.05GHz
Notes:
The gain for the unmatched device in 50 ohm system is shown as the trace in black color. For a tuned circuit for a particular frequency,
it is expected that actual gain will be higher, up to the maximum stable gain. The maximum stable gain is shown in the dashed red line.
The impedance loss plots are shown from 0.05 – 5.05 GHz, with markers placed in 0.5 GHz increments.
S-Parameters (Vcc = +5 V, Icc = 450 mA, T = 25 °C, unmatched 50 ohm system, calibrated to device leads)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-1.23
-177.95
24.07
122.55
-40.25
17.32
-1.26
-130.4
100
-1.01
178.17
19.55
116.55
-39.49
10.63
-1.33
-155.43
200
-1.01
172.63
15.55
112.97
-40.13
15.98
-1.17
-169.92
400
-1.03
163.72
12.03
98.68
-38.83
10.31
-0.93
179.61
600
-1.21
155.20
9.86
85.80
-39.30
-4.249
-0.66
173.43
800
-1.34
146.17
8.11
73.18
-37.70
-2.398
-0.83
168.67
1000
-1.52
136.69
6.92
61.43
-37.73
-16.27
-0.95
166.34
1200
-2.00
126.65
6.13
49.60
-37.14
-14.34
-1.05
165.13
1400
-2.65
115.04
5.80
37.55
-36.23
-28.50
-1.04
164.55
1600
-3.86
97.52
6.01
21.48
-36.45
-46.08
-1.11
166.24
1800
-6.72
86.05
6.17
1.700
-34.63
-68.99
-1.10
164.44
2000
-14.09
94.99
6.15
-23.83
-35.91
-100.68
-1.00
162.35
2200
-9.98
166.89
4.98
-52.92
-36.75
-147.66
-0.77
158.42
2400
-4.27
157.68
2.52
-80.08
-39.10
171.86
-0.79
154.12
2600
-2.13
142.95
-0.42
-100.8
-37.80
123.26
-0.81
149.03
2800
-1.24
130.88
-3.40
-116.44
-38.58
89.55
-0.84
144.09
3000
-0.82
120.68
-6.09
-128.99
-39.37
67.22
-0.92
138.4
Device S-parameters are available for download off of the website at: http://www.wj.com
Application Circuit PC Board Layout
Circuit Board Material: Top RF layer is .014” Getek, 4 total layers (0.062” thick) for mechanical rigidity
1 oz copper, Microstrip line details: width = .026”, spacing = .026”
The silk screen markers ‘A’, ‘B’, ‘C’, etc. and ‘1’, ‘2’, ‘3’, etc. are used as placemarkers for the input and output tuning
shunt capacitors – C8 and C9. The markers and vias are spaced in .050” increments.


Similar Part No. - AH215

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH215 ETC1-AH215 Datasheet
251Kb / 6P
   1 Watt, High Linearity HBT Amplifier
logo
WJ Communication. Inc.
AH215-RFID WJCI-AH215-RFID Datasheet
813Kb / 9P
   1 Watt, High Gain HBT Amplifier
logo
List of Unclassifed Man...
AH215-S8 ETC1-AH215-S8 Datasheet
251Kb / 6P
   1 Watt, High Linearity HBT Amplifier
logo
WJ Communication. Inc.
AH215-S8 WJCI-AH215-S8 Datasheet
813Kb / 9P
   1 Watt, High Gain HBT Amplifier
AH215-S8G WJCI-AH215-S8G Datasheet
813Kb / 9P
   1 Watt, High Gain HBT Amplifier
More results

Similar Description - AH215

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECP103 WJCI-ECP103 Datasheet
382Kb / 5P
   1 Watt, High Linearity InGaP HBT Amplifier
ECP100D WJCI-ECP100D Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
AH116-RFID WJCI-AH116-RFID Datasheet
709Kb / 6P
   1/2 Watt, High Linearity InGaP HBT Amplifier
SCG015 WJCI-SCG015 Datasheet
398Kb / 6P
   1/4 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH118 TRIQUINT-AH118_15 Datasheet
843Kb / 14P
   Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
AH118 ETC-AH118 Datasheet
176Kb / 6P
   1/4 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
EC1089 TRIQUINT-EC1089_15 Datasheet
411Kb / 5P
   Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
ECP050D WJCI-ECP050D Datasheet
489Kb / 5P
   1/2 Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
AH115 ETC-AH115 Datasheet
577Kb / 7P
   1/2 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
ECP052 WJCI-ECP052 Datasheet
225Kb / 5P
   1/2 Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com