Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH31-G Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # AH31-G
Description  High Dynamic Range IF Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AH31-G Datasheet(HTML) 2 Page - WJ Communication. Inc.

  AH31-G Datasheet HTML 1Page - WJ Communication. Inc. AH31-G Datasheet HTML 2Page - WJ Communication. Inc. AH31-G Datasheet HTML 3Page - WJ Communication. Inc. AH31-G Datasheet HTML 4Page - WJ Communication. Inc. AH31-G Datasheet HTML 5Page - WJ Communication. Inc. AH31-G Datasheet HTML 6Page - WJ Communication. Inc. AH31-G Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 2 of 7 April 2006
AH31
High Dynamic Range IF Amplifier
Product Information
The Communications Edge TM
Typical Device Data
S-parameters (Vd = +5 V, Id = 150 mA, unmatched 50
: system).
0
0.2
0.4
0.6
0.8
1
Frequency (GHz)
Gain and Max. Stable Gain
14
16
18
20
22
24
10.0
5.0
3.
0
4.
0
-0.
2
-0
.4
S11
Swp Max
1GHz
Swp Min
0.01GHz
10.0
5.0
3.
0
4.
0
-0.
2
-0
.4
S22
Swp Max
1GHz
Swp Min
0.01GHz
Notes:
Measurements are shown for an unmatched packaged device with the data being de-embedded to the device leads.
The amplifier requires a matching network at the input for proper operation. The amplifier is intrinsically well matched at the
output and ideally should “look” into 50 . Any deviation from this can affect the linearity IP3 performance for the device.
For a tuned circuit for a particular frequency, it is expected that actual gain will be higher, up to the maximum stable gain. The
maximum stable gain is shown in the dashed red line.
The impedance plots are shown from 250 – 1000 MHz, with markers placed at 0.25 – 1.0 GHz in 0.25 GHz increments.
Application Circuit PC Board Layout
Circuit Board Material: .014” FR-4, 4 layers (other layers added for rigidity), .062” total thickness, 1 oz copper
Microstrip line details: width = .024”, spacing = .036”
Typical Device Data
S-Parameters (VD = +5 V, ID = 150 mA, T = 25 C, calibrated to device leads)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-2.72
-5.46
17.01
175.91
-28.54
6.89
-7.44
-5.46
100
-2.77
-9.52
16.94
172.89
-28.42
8.53
-7.56
-7.93
200
-2.81
-18.01
16.86
166.99
-27.86
14.09
-7.59
-13.42
300
-2.87
-26.32
16.74
161.33
-27.14
18.38
-7.63
-19.94
400
-2.87
-35.19
16.64
155.16
-26.32
21.01
-7.83
-26.57
500
-2.95
-43.58
16.50
149.45
-25.45
22.42
-7.92
-32.04
600
-2.91
-51.71
16.40
143.72
-24.66
22.73
-8.00
-38.12
700
-2.99
-60.03
16.21
138.07
-23.89
21.29
-8.31
-45.01
800
-3.03
-67.73
16.05
132.16
-23.27
19.94
-8.46
-50.89
900
-3.14
-75.45
15.81
126.99
-22.71
17.74
-8.77
-57.30
1000
-3.22
-82.88
15.55
121.64
-22.17
15.73
-8.95
-63.63
Maximum Stable Gain
S21


Similar Part No. - AH31-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH31-G ETC-AH31-G Datasheet
323Kb / 9P
   High Dynamic Range IF Amplifier
logo
TriQuint Semiconductor
AH31-G TRIQUINT-AH31-G Datasheet
664Kb / 7P
   High Dynamic Range IF Amplifier
AH31-G TRIQUINT-AH31-G_15 Datasheet
664Kb / 7P
   High Dynamic Range IF Amplifier
More results

Similar Description - AH31-G

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH31-G TRIQUINT-AH31-G_15 Datasheet
664Kb / 7P
   High Dynamic Range IF Amplifier
logo
M/A-COM Technology Solu...
MAAM-009116 MA-COM-MAAM-009116 Datasheet
211Kb / 4P
   High Dynamic Range IF Amplifier
MAAM-009116 MA-COM-MAAM-009116_15 Datasheet
847Kb / 5P
   High Dynamic Range IF Amplifier
logo
WJ Communication. Inc.
AH31-RFID WJCI-AH31-RFID Datasheet
270Kb / 8P
   High Dynamic Range IF Amplifier
logo
List of Unclassifed Man...
AH31 ETC-AH31 Datasheet
323Kb / 9P
   High Dynamic Range IF Amplifier
logo
Mini-Circuits
PSA-0012 MINI-PSA-0012 Datasheet
145Kb / 1P
   High Dynamic Range Monolithic IF Amplifier
logo
M/A-COM Technology Solu...
MAAM-009116 MA-COM-MAAM-009116 Datasheet
211Kb / 4P
   High Dynamic Range IF Amplifier 50 - 1000 MHz
logo
WJ Communication. Inc.
AH1 WJCI-AH1 Datasheet
229Kb / 5P
   High Dynamic Range Amplifier
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155_15 Datasheet
83Kb / 3P
   High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH1-1 WJCI-AH1-1 Datasheet
231Kb / 5P
   High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com