Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRSZ152M6.3V5X11TBF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRSZ152M6.3V5X11TBF
Description  Miniature Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSZ152M6.3V5X11TBF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRSZ152M6.3V5X11TBF Datasheet HTML 1Page - NIC-Components Corp. NRSZ152M6.3V5X11TBF Datasheet HTML 2Page - NIC-Components Corp. NRSZ152M6.3V5X11TBF Datasheet HTML 3Page - NIC-Components Corp. NRSZ152M6.3V5X11TBF Datasheet HTML 4Page - NIC-Components Corp. NRSZ152M6.3V5X11TBF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
85
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Miniature Aluminum Electrolytic Capacitors
NRSZ Series
LOW IMPEDANCE AT HIGH FREQUENCY RADIAL LEADS, POLARIZED
ALUMINUM ELECTROLYTIC CAPACITORS
Unless otherwise specified here, capacitor shall meet JIS C-5141 Characteristics W.
RIPPLE CURRENT CORRECTION FACTORS
CHARACTERISTICS
*NRSZ102M6.3V8X20 is 4,500 Hours @ 105°C
FEATURES
• VERY LOW IMPEDANCE
• LONG LIFE AT 105OC (2000 ~ 5000 hrs.)
• HIGH STABILITY AT LOW TEMPERATURE
• IDEALLY FOR USE IN SWITCHING POWER SUPPLIES AND
..CONVERTORS
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
NRSZ
NRSY
(today’s standard)
(reduced sizes)
LOW IMPEDANCE
Rated Voltage Range
6.3 ~ 100VDC
Capacitance Range
0.47 ~ 12,000
µF
Operating Temperature Range
-55 ~ +105°C
Capacitance Tolerance
±20% (M)
Max. Leakage Current @ 20°C
After 1 min.
0.03CV or 4
µA, whichever is greater
After 2 min.
0.01CV or 3
µA, whichever is greater
Max. Tan
δ ~ 120Hz/20°C
W.V. (VDC)
6.3
10
16
25
35
50
63
100
S.V. (VDC)
8
13
20
32
44
63
79
125
C < 1,200
µF
0.22 0.19 0.16 0.14 0.12 0.10 0.08 0.07
C = 1,500
µF
0.23 0.20 0.17 0.15 0.13 0.11
-
-
C = 1,800
µF
0.23 0.20 0.17 0.15 0.13 0.11
-
-
C = 2,200
µF
0.24 0.21 0.18 0.16 0.14
-
-
-
C = 2,700
µF
0.25 0.22 0.19 0.17 0.15
-
-
-
C = 3,300
µF
0.26 0.23 0.20 0.18 0.16
-
-
-
C = 3,900
µF
0.28 0.25 0.22 0.20
-
-
-
-
C = 4,700
µF
0.29 0.26 0.23 0.21
-
-
-
-
C = 5,600
µF
0.31 0.28 0.25
-
-
-
-
-
C = 6,800
µF
0.33 0.30 0.27
-
-
-
-
-
C = 8,200
µF
0.36 0.33
-
-
-
-
-
-
C = 10,000
µF
0.40
-
-
-
-
-
-
-
C = 12,000
µF
0.44
-
-
-
-
-
-
-
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-25°C/Z+20°C
3
2
2
2
2
2
2
2
Z-40°C/Z+20°C
4
3
3
3
3
3
3
3
Load Life Test at Rated W.V. & 105°C
5,000 hours: 12.5
φ
3,000 hours: 8 ~ 10
φ
2,000 hours: 5 ~ 6.3
φ
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
Shelf Life Test
105°C for 1,000 hours
No Load
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
Frequency (Hz)
Cap. (
µF)
120
1K
10K
100K
Multiplier
0.47 ~ 4.7
0.40
0.68
0.78
1.00
5.6 ~ 47
0.50
0.76
0.87
1.00
56 ~ 270
0.70
0.85
0.90
1.00
330 ~ 1000
0.80
0.93
0.98
1.00
1200 ~ 12000
0.90
0.95
1.0
1.0


Similar Part No. - NRSZ152M6.3V5X11TBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSZ152M63V10x20F NIC-NRSZ152M63V10x20F Datasheet
97Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
NRSZ152M63V125X16F NIC-NRSZ152M63V125X16F Datasheet
97Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRSZ152M6.3V5X11TBF

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com