Electronic Components Datasheet Search |
|
NACEWR33K356.3X8TR13F Datasheet(PDF) 1 Page - NIC-Components Corp. |
|
NACEWR33K356.3X8TR13F Datasheet(HTML) 1 Page - NIC-Components Corp. |
1 / 2 page 10 ® NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com 11 ® NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com Surface Mount Aluminum Electrolytic Capacitors NACEW Series FEATURES • CYLINDRICAL V-CHIP CONSTRUCTION • WIDE TEMPERATURE -55 ~ +105OC • ANTI-SOLVENT (2 MINUTES) • DESIGNED FOR REFLOW ttSOLDERING * Optional ± 10% (K) Tolerance - see case size chart.** For higher voltages, 200V and 400V, see NACV series. CHARACTERISTICS MAXIMUM ESR ( Ω AT 120Hz AND 20OC) MAXIMUM PERMISSIBLE RIPPLE CURRENT (mA rms AT 120Hz AND 105OC) Rated Voltage Range 6.3 ~ 100Vdc** Rate Capacitance Range 0.1 ~ 6,800µF Operating Temp. Range -55°C ~ +105°C (100V -40°C ~ +105 °C) Capacitance Tolerance ±20% (M), ±10% (K)* Max. Leakage Current After 2 Minutes @ 20°C 0.01CV or 3µA whichever is greater Max. Tan δ @120Hz/20°C W.V. (Vdc) 6.3 10 16 25 35 50 63 100 S.V. (Vdc) 8 13 20 32 44 63 79 125 4 ~ 6.3mm Dia. 0.24 0.20 0.16 0.14 0.12 0.10 0.12 0.10 8 & larger 0.28 0.24 0.20 0.16 0.14 0.12 0.12 0.10 Low Temperature Stability Impedance Ratio @ 120Hz W.V. (Vdc) 6.3 10 16 25 35 50 63 100 Z-40°C/Z+20°C 3 3 2 2 2 2 2 2 Z-55°C/Z+20°C 8 6 4 4 3 3 3 - Load Life Test 4 ~ 6.3mm Dia. & 10x8mm +105°C 1,000 hours +95°C 2,000 hours +85°C 4,000 hours Capacitance Change Within ± 25% of initial measured value Tan δ Less than 200% of specified max. value 8 ~ 16mm Dia. +105°C 2,000 hours +95°C 4,000 hours +85°C 8,000 hours Leakage Current Less than specified max. value RoHS Compliant includes all homogeneous materials *See Part Number System for Details RIPPLE CURRENT FREQUENCY CORRECTION FACTOR Frequency (Hz) f < 100 100 > f < 1K 1K > f < 10K f > 100K Correction Factor 0.8 1.0 1.3 1.5 PRECAUTIONS Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC’s Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC’s technical support personnel: tpmg@niccomp.com Cap. (µF) Working Voltage (Vdc) 6.3 10 16 25 35 50 63 100 0.1 - - - - - 0.7 0.7 - 0.22 - - - - - 1.6 1.6 - 0.33 - - - - - 2.5 2.5 - 0.47 - - - - - 3.5 3.5 - 1.0 - - - - - 7.0 7.0 7.0 2.2 - - - - - 11 11 14 3.3 - - - - - 13 14 20 4.7 - - - 13 14 16 16 25 10 - - 18 20 21 24 24 35 22 22 25 27 36 38 32 49 84 33 27 30 40 44 42 60 112 133 47 33 41 48 48 49 63 119 240 100 50 - 60 91 84 140 196 - 150 55 62 95 140 155 - - 500 220 67 105 105 175 190 220 287 - 330 105 195 195 220 300 - - - 470 210 210 230 300 410 - 630 - 1000 280 310 - 460 - 655 - - 1500 310 - 500 - 740 - - - 2200 - 510 - 805 - - - - 3300 520 - 840 - - - - - 4700 - 880 - - - - - - 6800 930 - - - - - - - Cap. (µF) Working Voltage (Vdc) 6.3 10 16 25 35 50 63 100 0.1 - - - - - 1660 1990 - 0.22 - - - - - 754 905 - 0.33 - - - - - 503 604 - 0.47 - - - - - 353 424 - 1.0 - - - - - 166 199 166 2.2 - - - - - 75.4 90.5 75.4 3.3 - - - - - 50.3 60.3 50.3 4.7 - - - 49.4 42.3 35.3 42.3 35.3 10 - - 26.5 23.2 19.9 16.6 19.9 16.6 22 18.1 15.1 12.1 10.6 9.05 7.64 9.04 7.64 33 12.1 10.1 8.04 7.04 6.04 5.03 6.03 5.03 47 8.47 7.06 5.65 4.95 4.24 3.53 4.24 3.53 100 3.98 - 2.66 2.32 2.32 1.99 1.99 - 150 2.66 2.21 1.77 1.77 1.55 - - 1.10 220 1.81 1.51 1.21 1.21 1.06 0.91 0.91 - 330 1.21 1.21 1.00 0.80 0.70 - - - 470 0.99 0.85 0.71 0.57 0.49 - 0.42 - 1000 0.46 0.40 - 0.27 - 0.20 - - 1500 0.31 - 0.23 - 0.15 - - - 2200 - 0.18 - 0.14 - - - - 3300 0.14 - 0.12 - - - - - 4700 - 0.11 - - - - - - 6800 0.093 - - - - - - - |
Similar Part No. - NACEWR33K356.3X8TR13F |
|
Similar Description - NACEWR33K356.3X8TR13F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |