Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MACPCC0001 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MACPCC0001
Description  Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MACPCC0001 Datasheet(HTML) 3 Page - Tyco Electronics

  MACPCC0001 Datasheet HTML 1Page - Tyco Electronics MACPCC0001 Datasheet HTML 2Page - Tyco Electronics MACPCC0001 Datasheet HTML 3Page - Tyco Electronics MACPCC0001 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Low Cost SMT 17 dB Bi-Directional Coupler
1700 – 2000 MHz
MACPCC0001
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
3
RoHS
Compliant
Coupling vs. Frequency
Insertion Loss vs. Frequency
VSWR vs. Frequency
Typical Performance Curves
Directivity vs. Frequency


Similar Part No. - MACPCC0001

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MACPCC0001 MA-COM-MACPCC0001 Datasheet
90Kb / 4P
   Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz
MACPCC0001 MA-COM-MACPCC0001 Datasheet
90Kb / 4P
   Low Cost SMT 17 dB Bi-Directional Coupler
MACPCC0001-TB MA-COM-MACPCC0001-TB Datasheet
90Kb / 4P
   Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz
MACPCC0001-TR MA-COM-MACPCC0001-TR Datasheet
90Kb / 4P
   Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz
MACPCC0001 MA-COM-MACPCC0001_15 Datasheet
90Kb / 4P
   Low Cost SMT 17 dB Bi-Directional Coupler
More results

Similar Description - MACPCC0001

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
CH20-0033-17G MA-COM-CH20-0033-17G Datasheet
89Kb / 4P
   Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz
logo
Tyco Electronics
CH20-0033-17G MACOM-CH20-0033-17G Datasheet
99Kb / 2P
   Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
MACPCC0001 MA-COM-MACPCC0001 Datasheet
90Kb / 4P
   Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz
logo
Tyco Electronics
CH20-0033-17G MACOM-CH20-0033-17G_1 Datasheet
231Kb / 2P
   Low Cost SMT 17dB Bi-Directional Coupler, 1700-2000 MHz
logo
M/A-COM Technology Solu...
MACPCC0001 MA-COM-MACPCC0001 Datasheet
90Kb / 4P
   Low Cost SMT 17 dB Bi-Directional Coupler
MACPCC0001 MA-COM-MACPCC0001_15 Datasheet
90Kb / 4P
   Low Cost SMT 17 dB Bi-Directional Coupler
MACPCC0002 MA-COM-MACPCC0002 Datasheet
89Kb / 4P
   Low Cost SMT 17dB Bi-Directional Coupler
MACPCC0002 MA-COM-MACPCC0002_15 Datasheet
89Kb / 4P
   Low Cost SMT 17dB Bi-Directional Coupler
logo
Tyco Electronics
CH20-0032-17G MACOM-CH20-0032-17G_1 Datasheet
237Kb / 2P
   Low Cost SMT 17dB Bi-Directional Coupler, 824-960 MHz
logo
M/A-COM Technology Solu...
MACPCC0002 MA-COM-MACPCC0002 Datasheet
89Kb / 4P
   Low Cost SMT 17dB Bi-Directional Coupler 824 - 960 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com