Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLFW681M400V25X20F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRLFW681M400V25X20F
Description  Large Can Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLFW681M400V25X20F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRLFW681M400V25X20F Datasheet HTML 1Page - NIC-Components Corp. NRLFW681M400V25X20F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
165
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Large Can Aluminum Electrolytic Capacitors
FEATURES
• LOW PROFILE (20mm HEIGHT)
• EXTENDED TEMPERATURE RATING +105°C
• LOW DISSIPATION FACTOR AND LOW ESR
• HIGH RIPPLE CURRENT
• WIDE CV SELECTION
• SUITABLE FOR SWITCHING POWER SUPPLIES
NRLFW Series
SPECIFICATIONS
MECHANICAL CHARACTERISTICS:
1. Pressure Vent:
The capacitors are provided with a pressure sensitive safety vent on the top of can. The vent is designed to rupture in the event that high internal gas pressure
is developed by circuit malfunction or mis-use like reverse voltage.
2. Terminal Strength:
Each terminal of the capacitor shall withstand an axial pull force of 4.5Kg for a period 10 seconds or a radial bent force of 2.5Kg for a period of 30 seconds.
Sleeve Color:
Dark Blue
Minus Polarity Marking
Insulation Sleeve
(4.0mm Leads Available As Option)
L
± 2.0 Max.
6.3 ± 1.0
Can Top Vent
10.0
∅d ± 1.0
10.0
± 0.1
pcb hole spacing
(∅D)
Top of Spin
Max. 2.0
Terminal
(t=0.8)
*NON-STANDARD VOLTAGES FOR THIS SERIES
1.5
Operating Temperature Range
-40 ~ +105°C
-25 ~ +105°C
Rated Voltage Range
16 ~ 250Vdc
400Vdc
Rated Capacitance Range
68 ~ 10,000
µF
33 ~ 100
µF
Capacitance Tolerance
±20% (M)
Max. Leakage Current (
µA)
After 5 minutes (20°C)
3 x
C(
µF)V
Max. Tan
δ
at 120Hz/20°C
W.V. (Vdc)
16
25
35
50
63
80
100 ~ 400
Tan
δ max.
0.45
0.35
0.30 0.25 0.20
0.17
0.15
Surge Voltage
W.V. (Vdc)
16
25
35
50
63
80
100
S.V. (Vdc)
20
32
44
63
79
100
125
W.V. (Vdc)
160
200
250
400
400
-
-
S.V. (Vdc)
220
250
300
400
450
-
-
Ripple Current
Correction Factors
Frequency (Hz)
50
60
100
120
500
1K
10K ~ 50K
Multiplier at
105°C
16 ~ 100Vdc
0.93
0.95
0.99 1.00 1.05
1.08
1.15
160 ~ 400Vdc
0.75
0.80
0.95 1.00 1.20
1.25
1.40
Low Temperature
Stability (16 to 250Vdc)
Temperature (°C)
0
-25
-40
-
-
-
-
Capacitance Change
-5%
-10
-30%
-
-
-
-
Impedance Ratio
1.5
3
9
-
-
-
-
Load Life Test
2,000 hours at +105°C
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
Shelf Life Test
1,000 hours at +105°C
(no load)
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
Surge Voltage Test
Per JIS-C-5141 (table #6, #4)
Surge voltage applied: 30 seconds
"On" and 5.5 minutes no voltage "Off"
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
Soldering Effect
Refer to
MIL-STD-202F Method 210A
Capacitance Change
Within ±10% of initial measured value
Tan
δ
Less than specified maximum value
Leakage Current
Less than specified maximum value
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details


Similar Part No. - NRLFW681M400V25X20F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW681M100V30X20F NIC-NRLFW681M100V30X20F Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW681M63V22X20F NIC-NRLFW681M63V22X20F Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW681M80V25X20F NIC-NRLFW681M80V25X20F Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLFW681M400V25X20F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com