Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIP3201-A Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PIP3201-A
Description  PowerMOS transistor TOPFET high side switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3201-A Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PIP3201-A Datasheet HTML 5Page - NXP Semiconductors PIP3201-A Datasheet HTML 6Page - NXP Semiconductors PIP3201-A Datasheet HTML 7Page - NXP Semiconductors PIP3201-A Datasheet HTML 8Page - NXP Semiconductors PIP3201-A Datasheet HTML 9Page - NXP Semiconductors PIP3201-A Datasheet HTML 10Page - NXP Semiconductors PIP3201-A Datasheet HTML 11Page - NXP Semiconductors PIP3201-A Datasheet HTML 12Page - NXP Semiconductors PIP3201-A Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Philips Semiconductors
Product data
PowerMOS transistor
PIP3201-A
TOPFET high side switch
Fig.28. Short circuit load threshold voltage.
V
BL(TO) = f(VBG); conditions -40˚C ≤ Tmb ≤ 150˚C
Fig.29. Typical output capacitance. T
mb = 25 ˚C
C
bl = f(VBL); conditions f = 1 MHz, VIG = 0 V
Fig.30. Typical reverse battery characteristic.
I
G = f(VBG); conditions IL = 0 A, Tj = 25 ˚C
Fig.31. Typical overload current, V
BL = 8V.
I
L = f(Tj); parameter VBG = 13V;tp = 300 µs
Fig.32. Typical short circuit load threshold voltage.
V
BL(TO) = f(Tj); condition VBG = 16 V
Fig.33. Transient thermal impedance.
Z
th j-mb = f(t); parameter D = tp/T
0
5
10
15
20
25
30
35
0
1020
304050
VBG/ V
VBL(TO) / V
min.
max.
typ. 25˚C
30
35
40
45
50
-50
0
50
100
150
200
Tj /
OC
IL(lim) / A
0
1020304050
10 nF
1nF
100pF
CBL
VBL / V
VBL(TO) / V
10.0
10.2
10.4
10.6
10.8
11.0
11.2
11.4
11.6
11.8
12.0
-50
0
50
100
150
200
Tj /
OC
IG / mA
-200
-150
-100
-50
0
-20
-15
-10
-5
0
VBG / V
D =
tp
tp
T
T
P
t
D
Zth j-mb ( K / W )
t / s
1e+02
1e-01
1e-03
1e-05
1e-07
1e+01
1e-03
1e-02
1e-01
1e+00
D =
0.5
0.2
0.1
0.05
0.02
0
May 2001
11
Rev 1.010


Similar Part No. - PIP3201-A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PIP3202-DC PHILIPS-PIP3202-DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
September 2001 Rev 1.000
PIP3203-A PHILIPS-PIP3203-A Datasheet
48Kb / 8P
   TOPFET high side switch
October 2001-Rev 1.000
PIP3206-R PHILIPS-PIP3206-R Datasheet
44Kb / 8P
   TOPFET high side switch SMD version
October 2001-Rev 1.000
PIP3207-DC PHILIPS-PIP3207-DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
September 2001 Rev 1.100
PIP3208-A PHILIPS-PIP3208-A Datasheet
48Kb / 8P
   PowerMOS transistor TOPFET high side switch
July 2001 Rev 1.000
More results

Similar Description - PIP3201-A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK203-50Y PHILIPS-BUK203-50Y Datasheet
120Kb / 13P
   PowerMOS transistor TOPFET high side switch
April 1995 Rev 1.100
BUK201-50X PHILIPS-BUK201-50X Datasheet
126Kb / 13P
   PowerMOS transistor TOPFET high side switch
July 1996 Rev 1.000
BUK219-50Y PHILIPS-BUK219-50Y Datasheet
48Kb / 8P
   PowerMOS transistor TOPFET high side switch
July 2001-Rev 2.000
BUK203-50X PHILIPS-BUK203-50X Datasheet
123Kb / 13P
   PowerMOS transistor TOPFET high side switch
April 1995 1 Rev 1.100
BUK200-50Y PHILIPS-BUK200-50Y Datasheet
126Kb / 13P
   PowerMOS transistor TOPFET high side switch
April 1995 Rev 1.000
BUK202-50Y PHILIPS-BUK202-50Y Datasheet
122Kb / 13P
   PowerMOS transistor TOPFET high side switch
April 1995 Rev 1.100
BUK223-50Y PHILIPS-BUK223-50Y Datasheet
52Kb / 8P
   PowerMOS transistor TOPFET high side switch
November 2002-Rev 2.000
BUK201-50Y PHILIPS-BUK201-50Y Datasheet
124Kb / 13P
   PowerMOS transistor TOPFET high side switch
July 1996 Rev 1.000
BUK210-50Y PHILIPS-BUK210-50Y Datasheet
197Kb / 13P
   PowerMOS transistor TOPFET high side switch
November 2002-Rev 2.000
PIP3208-A PHILIPS-PIP3208-A Datasheet
48Kb / 8P
   PowerMOS transistor TOPFET high side switch
July 2001 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com