Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAATCC0014 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAATCC0014
Description  Digital Attenuator 15.5dB, 5-Bit, TTL Driver, DC-3.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAATCC0014 Datasheet(HTML) 3 Page - Tyco Electronics

  MAATCC0014 Datasheet HTML 1Page - Tyco Electronics MAATCC0014 Datasheet HTML 2Page - Tyco Electronics MAATCC0014 Datasheet HTML 3Page - Tyco Electronics MAATCC0014 Datasheet HTML 4Page - Tyco Electronics MAATCC0014 Datasheet HTML 5Page - Tyco Electronics MAATCC0014 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
(
%,
#
5
0
6
7
-
E
*'&(
"
%
%
# 8
#
9
:
;
(
<
="
)
'
'
'
'
'
7
!@
'
'
'
'
0
' 1 3
'
'
'
0
'
0 ' 3
'
'
0
'
'
* ' 3
'
0
'
'
'
/ ' 3
0
'
'
'
'
& ' 3
0
0
0
0
0
01 1 3
' M $$77
Q0 M $$7;
0'
01
* '
* 1
( '
'
1''
0'''
01''
*'''
*1''
('''
(1''
0''
0*1
01'
0.1
'
1''
0'''
01''
*'''
*1''
('''
(1''


Similar Part No. - MAATCC0014

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAATCC0014 MA-COM-MAATCC0014 Datasheet
164Kb / 6P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
MAATCC0014 MA-COM-MAATCC0014 Datasheet
164Kb / 6P
   Digital Attenuator
MAATCC0014-TB MA-COM-MAATCC0014-TB Datasheet
164Kb / 6P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
MAATCC0014TR MA-COM-MAATCC0014TR Datasheet
164Kb / 6P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
MAATCC0014 MA-COM-MAATCC0014_15 Datasheet
164Kb / 6P
   Digital Attenuator
More results

Similar Description - MAATCC0014

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-1283 MACOM-AT90-1283_1 Datasheet
222Kb / 4P
   Digital Attenuator, 15.5dB, 5-Bit, TTL Driver DC - 3.5 GHz
AT90-0283 MACOM-AT90-0283_1 Datasheet
234Kb / 5P
   Digital Attenuator 15.5dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT65-0283 MACOM-AT65-0283_1 Datasheet
235Kb / 3P
   Digital Attenuator 15.5dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT-283-PIN MACOM-AT-283-PIN Datasheet
192Kb / 4P
   Digital Attenuator, 15.5dB,5-Bit,TTL Driver, DC-2.0 GHz
AT65-0413 MACOM-AT65-0413_1 Datasheet
321Kb / 3P
   Digital Attenuator 15.5dB, 4-Bit, TTL Driver, DC-3.0 GHz
AT90-0283 MACOM-AT90-0283 Datasheet
266Kb / 5P
   Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT90-1283 MACOM-AT90-1283 Datasheet
266Kb / 5P
   Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
M/A-COM Technology Solu...
MAAD-007081-000100 MA-COM-MAAD-007081-000100 Datasheet
164Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT90-1283 MA-COM-AT90-1283 Datasheet
163Kb / 6P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
Tyco Electronics
MAAD-007081-000100 MACOM-MAAD-007081-000100 Datasheet
293Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com