Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4BL-3CRB-A Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # D4BL-3CRB-A
Description  Guard Lock Safety-door Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4BL-3CRB-A Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button D4BL-3CRB-A Datasheet HTML 2Page - Omron Electronics LLC D4BL-3CRB-A Datasheet HTML 3Page - Omron Electronics LLC D4BL-3CRB-A Datasheet HTML 4Page - Omron Electronics LLC D4BL-3CRB-A Datasheet HTML 5Page - Omron Electronics LLC D4BL-3CRB-A Datasheet HTML 6Page - Omron Electronics LLC D4BL-3CRB-A Datasheet HTML 7Page - Omron Electronics LLC D4BL-3CRB-A Datasheet HTML 8Page - Omron Electronics LLC D4BL-3CRB-A Datasheet HTML 9Page - Omron Electronics LLC D4BL-3CRB-A Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
D-141
D4BL
Nomenclature
Dimensions
Note: 1. All units are in millimeters unless otherwise indicated.
2. Unless otherwise specified, a tolerance of ±0.4 mm applies to all dimensions.
Switches
Operating Characteristics
D4BL-####
Key insertion force
Key extraction force
19.61 N max.
19.61 N max.
Movement before being locked 15 mm max.
D4BL-#C##-#
D4BL-#D##-#
Operation Key
Lock plate
Rotating drum
Operation plunger
Seal ring (NBR)
Auxiliary plunger
Seal packing (NBR)
Rotating lever
Safety switch
Seal packing (NBR)
Ground terminal M3.5
Solenoid
Lock monitor switch
Auxiliary release key
Operation Key
Lock plate
Rotating drum
Operation plunger
Seal ring (NBR)
Auxiliary plunger
Seal packing (NBR)
Rotating lever
Safety switch
Seal packing (NBR)
Ground terminal M3.5
Solenoid
Lock monitor switch
Auxiliary release key
Conduit opening
(Pull out
horizontally)
Connection
terminal M3.5
Conduit opening
(Pull out
vertically)
Conduit opening
(Pull out
horizontally)
Connection
terminal M3.5
Conduit opening
(Pull out
vertically)
100
±0.1
74
±0.1
112
+1
0
86
+1
0
34.2
(123.5)
6.8
(116.5)
10
15
5.5
7
37.5
31.5
17
16
39.6
46.3
Conduit opening
Indicators
Conduit opening
Cover
D4BL-####-#
Red
Four, M3.5 head
clamping screws
Lock
protection
cap
Four, 5.3 dia.
mounting
holes
Four, M4
cover
clamping
screws


Similar Part No. - D4BL-3CRB-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4B-1111N OMRON-D4B-1111N Datasheet
2Mb / 16P
   Snap-action contact with certified direct opening operation certification
D4B-1115N OMRON-D4B-1115N Datasheet
2Mb / 16P
   Snap-action contact with certified direct opening operation certification
D4B-1116N OMRON-D4B-1116N Datasheet
2Mb / 16P
   Snap-action contact with certified direct opening operation certification
D4B-1117N OMRON-D4B-1117N Datasheet
2Mb / 16P
   Snap-action contact with certified direct opening operation certification
D4B-111RN OMRON-D4B-111RN Datasheet
2Mb / 16P
   Snap-action contact with certified direct opening operation certification
More results

Similar Description - D4BL-3CRB-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4NL OMRON-D4NL Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
D4DS ETC1-D4DS Datasheet
1Mb / 12P
   Safety-Door Switch
logo
Omron Electronics LLC
D4NL OMRON-D4NL_11 Datasheet
3Mb / 19P
   Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
D4BS OMRON-D4BS Datasheet
207Kb / 9P
   Safety-door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
   EK SERIES SAFETY DOOR SWITCH
logo
Molex Electronics Ltd.
69018-6052 MOLEX11-69018-6052 Datasheet
30Kb / 1P
   Micro Switch for TM-42 Safety Guard
0690186052 MOLEX11-0690186052 Datasheet
30Kb / 1P
   Micro Switch for TM-42 Safety Guard
logo
Gamewell-FCI by Honeywe...
FCI-DR-C4B GAMEWELL-FCI-FCI-DR-C4B Datasheet
59Kb / 1P
   Door, lock & key
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com