Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAATCC0009 Datasheet(PDF) 6 Page - Tyco Electronics

Part # MAATCC0009
Description  Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-4.0 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAATCC0009 Datasheet(HTML) 6 Page - Tyco Electronics

  MAATCC0009 Datasheet HTML 1Page - Tyco Electronics MAATCC0009 Datasheet HTML 2Page - Tyco Electronics MAATCC0009 Datasheet HTML 3Page - Tyco Electronics MAATCC0009 Datasheet HTML 4Page - Tyco Electronics MAATCC0009 Datasheet HTML 5Page - Tyco Electronics MAATCC0009 Datasheet HTML 6Page - Tyco Electronics MAATCC0009 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
!
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
"
)
&' (
) *
* &
+
&' (
) *
* &
+ %
&' (
) *
* &
+
&' (
) *
* &
+ !
&' (
) *
* &
+
"
&' (
) *
* &
+
' *1
' *
' 01
' 0
' '1
'
' '1
' 0
' 01
' *
' *1
'
0'''
*'''
('''
/'''
' (
' *
' 0
'
' 0
' *
' (
' /
'
0'''
*'''
('''
/'''
' *1
' *
' 01
' 0
' '1
'
' '1
' 0
' 01
' *
' *1
' (
'
0'''
*'''
('''
/'''
#
3
9
' *1
' *
' 01
' 0
' '1
'
' '1
' 0
' 01
' *
' *1
' (
'
0'''
*'''
('''
/'''
' )
' 1
' /
' (
' *
' 0
'
' 0
' *
' (
' /
' 1
'
0'''
*'''
('''
/'''
#
3
9
' &
' )
' /
' *
'
' *
' /
' )
'
0'''
*'''
('''
/'''
#
3
9
%/
#
8


Similar Part No. - MAATCC0009

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAATCC0009 MA-COM-MAATCC0009 Datasheet
188Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
MAATCC0009 MA-COM-MAATCC0009 Datasheet
188Kb / 7P
   Digital Attenuator
MAATCC0009 MA-COM-MAATCC0009 Datasheet
188Kb / 7P
   Digital Attenuator
MAATCC0009-TB MA-COM-MAATCC0009-TB Datasheet
188Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
MAATCC0009TR MA-COM-MAATCC0009TR Datasheet
188Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
More results

Similar Description - MAATCC0009

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATCC0011 MACOM-MAATCC0011 Datasheet
329Kb / 7P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-0107 MACOM-AT90-0107_1 Datasheet
262Kb / 6P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-1107 MACOM-AT90-1107_1 Datasheet
664Kb / 6P
   Digital Attenuator, 31.5dB, 6-Bit, TTL Driver DC - 4.0 GHz
MAATCC0007 MACOM-MAATCC0007 Datasheet
270Kb / 6P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT65-0107 MACOM-AT65-0107_1 Datasheet
356Kb / 4P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT-107-PIN MACOM-AT-107-PIN Datasheet
184Kb / 4P
   Digital Attenuator, 31.5dB, 6-Bit, TTL Driver DC - 2.0 GHz
AT20-0107 MACOM-AT20-0107_1 Datasheet
248Kb / 4P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAATCC0005 MACOM-MAATCC0005 Datasheet
289Kb / 6P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAATCC0008 MACOM-MAATCC0008 Datasheet
246Kb / 4P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT90-1107 MACOM-AT90-1107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com