Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAATCC0006 Datasheet(PDF) 3 Page - Tyco Electronics

Part No. MAATCC0006
Description  Digital Attenuator 30.0dB, 4-Bit, TTL Driver, DC-3.0 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

MAATCC0006 Datasheet(HTML) 3 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
(
%+
!
2
'
0
*
(
'
' 1
0
01
*
* 1
(
' )
' /
' *
'
' *
' /
' )
'
' 1
0
01
*
* 1
(
' )
' /
' *
'
' *
' /
' )
'
' 1
0
01
*
* 1
(
' /
' *
'
' *
' /
'
' 1
0
01
*
* 1
(
3
!
6
"
%
2 +
>
C75
"
"
6
C75
E
"
%
%
! 4
!
5
6
'
1
7
'
'
'
'
0
'
'
'
'
0
'
'
'
'
0
'
'
'
'
0
0
0
0
0
4
!@
* ' 3
/ ' 3
& ' 3
0) ' 3
(' ' 3
' H $$44
N0 H $$4<


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn