Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAAPGM0076-DIE Datasheet(PDF) 4 Page - Tyco Electronics

Part No. MAAPGM0076-DIE
Description  Amplifier, Power, 16W 1.3-2.5 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPGM0076-DIE Datasheet(HTML) 4 Page - Tyco Electronics

  MAAPGM0076-DIE Datasheet HTML 1Page - Tyco Electronics MAAPGM0076-DIE Datasheet HTML 2Page - Tyco Electronics MAAPGM0076-DIE Datasheet HTML 3Page - Tyco Electronics MAAPGM0076-DIE Datasheet HTML 4Page - Tyco Electronics MAAPGM0076-DIE Datasheet HTML 5Page - Tyco Electronics MAAPGM0076-DIE Datasheet HTML 6Page - Tyco Electronics MAAPGM0076-DIE Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Amplifier, Power, 16W
1.3-2.5 GHz
MAAPGM0076-DIE
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Rev B
Preliminary Datasheet
4
Figure 7. Output Power vs. Input Power and Frequency at 10V and 25% IDSS
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
2
4
6
8
10
12
14
16
18
20
22
24
26
Input Power (dBm)
1.25 GHz
1.50 GHz
1.75 GHz
2.00 GHz
2.25 GHz
2.50 GHz
Figure 9. Power Added Efficiency vs. Input Power and Frequency at 10V and
25% IDSS
0
5
10
15
20
25
30
35
40
45
50
2
4
6
8
10
12
14161820222426
Input Power (dBm)
1.25 GHz
1.50 GHz
1.75 GHz
2.00 GHz
2.25 GHz
2.50 GHz
Figure 10. Drain Current vs. Input Power and Frequency at 10V and 25% IDSS
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
2
4
6
8
10
12
14
16
18
20
22
24
26
Input Power (dBm)
1.25 GHz
1.50 GHz
1.75 GHz
2.00 GHz
2.25 GHz
2.50 GHz
Figure 11. Output Power vs. Input Power and Frequency at 8V and 25% IDSS
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
2
4
6
8
10
12
14
16
18
20
22
24
26
Input Power (dBm)
1.25 GHz
1.50 GHz
1.75 GHz
2.00 GHz
2.25 GHz
2.50 GHz
Figure 8. Gain vs. Output Power and Frequency at 10V and 25% IDSS
10
12
14
16
18
20
22
24
26
28
30
25
27
29
31
33
35
37
39
41
43
45
Output Power (dBm)
1.5 GHz
2.0 GHz
2.5 GHz
Figure 12. Gain vs. Output Power and Frequency at 8V and 25% IDSS
10
12
14
16
18
20
22
24
26
28
30
25
27
29
31
33
35
37
39
41
43
45
Output Power (dBm)
1.5 GHz
2.0 GHz
2.5 GHz
All Data is at 45ºC MMIC base temperature, CW stimulus, unless otherwise noted.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn