Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAAPGM0076-DIE Datasheet(PDF) 3 Page - Tyco Electronics

Part No. MAAPGM0076-DIE
Description  Amplifier, Power, 16W 1.3-2.5 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPGM0076-DIE Datasheet(HTML) 3 Page - Tyco Electronics

  MAAPGM0076-DIE Datasheet HTML 1Page - Tyco Electronics MAAPGM0076-DIE Datasheet HTML 2Page - Tyco Electronics MAAPGM0076-DIE Datasheet HTML 3Page - Tyco Electronics MAAPGM0076-DIE Datasheet HTML 4Page - Tyco Electronics MAAPGM0076-DIE Datasheet HTML 5Page - Tyco Electronics MAAPGM0076-DIE Datasheet HTML 6Page - Tyco Electronics MAAPGM0076-DIE Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Amplifier, Power, 16W
1.3-2.5 GHz
MAAPGM0076-DIE
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Rev B
Preliminary Datasheet
3
Figure 3. Saturated Output Power and Drain Voltage at 25% IDSS
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
1.0
1.3
1.5
1.8
2.0
2.3
2.5
2.8
3.0
Frequency (GHz)
6V
8V
10V
Figure 6. Output Power, Small Signal Gain, Power Added Efficiency, and
Drain Current vs. Junction Temperature at 10V, 2 GHz, and 25% IDSS
24
26
28
30
32
34
36
38
40
42
44
30
40
50
60
70
80
90
100
110
120
130
140
150
Junction Temperature (ºC)
4.0
4.3
4.6
4.9
5.2
5.5
5.8
6.1
6.4
6.7
7.0
Pout
SSG
PAE
IDS
All Data is at 45ºC MMIC base temperature, CW stimulus, unless otherwise noted.
Figure 1. Output Power and Power Added Efficiency
at VD = 10V, Pin = 24dBm, and 25% IDSS
20
23
26
29
32
35
38
41
44
47
50
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
Frequency (GHz)
0
5
10
15
20
25
30
35
40
45
50
Pout
PAE
Figure 2. 1dB Compression Point and Drain Voltage at 25% IDSS
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
Frequency (GHz)
6V
8V
10V
Figure 4. Saturated Output Power and Temperature at 10V and 25%
IDSS
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
Frequency (GHz)
-7ºC
45ºC
98ºC
Figure 5. Small Signal Gain and Input and Output VSWR
at 25% IDSS, VD = 10V
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
Frequency (GHz)
1
2
3
4
5
6
Gain
Input VSWR
Output VSWR


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn