Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DN66 Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # DN66
Description  An OLED bias supply for a clamshell handset sub display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

DN66 Datasheet(HTML) 6 Page - Zetex Semiconductors

  DN66 Datasheet HTML 1Page - Zetex Semiconductors DN66 Datasheet HTML 2Page - Zetex Semiconductors DN66 Datasheet HTML 3Page - Zetex Semiconductors DN66 Datasheet HTML 4Page - Zetex Semiconductors DN66 Datasheet HTML 5Page - Zetex Semiconductors DN66 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DN66
www.zetex.com
6
Issue 4 - July 2006
© Zetex Semiconductors plc 2006
For international sales offices visit www.zetex.com/offices
Zetex products are distributed worldwide. For details, see www.zetex.com/salesnetwork
This publication is issued to provide outline information only which (unless agreed by the company in writing) may not be used, applied or
reproduced for any purpose or form part of any order or contact or be regarded as a representation relating to the products or services concerned.
The company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
Europe
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Highway
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia Ltd)
3701-04 Metroplaza Tower 1
Hing Fong Road, Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
Corporate Headquarters
Zetex Semiconductors plc
Zetex Technology Park, Chadderton
Oldham, OL9 9LL
United Kingdom
Telephone: (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com


Similar Part No. - DN66

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
DN6 COPAL-DN6 Datasheet
76Kb / 2P
   Power-Up and Power-Down Characteristics
logo
Tyco Electronics
DN6149 MACOM-DN6149 Datasheet
76Kb / 3P
   SMD Unshielded Inductor Series
logo
Zetex Semiconductors
DN62 ZETEX-DN62 Datasheet
110Kb / 2P
   ZXSC310 Solution to drive 3 LEDs connected in series
DN65 ZETEX-DN65 Datasheet
113Kb / 2P
   ZXSC310 Solution for emergency light
DN68 ZETEX-DN68 Datasheet
82Kb / 2P
   ZXSC310 High power torch reference design
More results

Similar Description - DN66

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP5727 DIODES-AP5727_11 Datasheet
239Kb / 10P
   BIAS POWER SUPPLY FOR OLED SUB DISPLAY AND TFT-LED
DS31887 Rev. 2 - 2
logo
AZ Displays
AZOLED034A AZDISPLAYS-AZOLED034A Datasheet
7Mb / 23P
   SPECIFICATIONS FOR OLED DISPLAY
AZOLED043A AZDISPLAYS-AZOLED043A Datasheet
8Mb / 25P
   SPECIFICATIONS FOR OLED DISPLAY
logo
Allegro MicroSystems
A8483 ALLEGRO-A8483 Datasheet
328Kb / 9P
   1.2 MHz Step-up Converter for Display Bias Supply
A8483_V ALLEGRO-A8483_V Datasheet
288Kb / 10P
   1.2 MHz Step-up Converter for Display Bias Supply
logo
Newhaven Display Intern...
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3_14 Datasheet
675Kb / 21P
   OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3 Datasheet
409Kb / 21P
   OLED Display Module
NHD-0216KZW-AB5 NEWHAVEN-NHD-0216KZW-AB5 Datasheet
568Kb / 21P
   OLED Display Module
NHD-0216KZW-AY5 NEWHAVEN-NHD-0216KZW-AY5 Datasheet
568Kb / 21P
   OLED Display Module
logo
Crystalfontz America, I...
CFAL12896A0-0127-F CRYSTAIFONTZ-CFAL12896A0-0127-F Datasheet
850Kb / 20P
   OLED DISPLAY MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com