Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAAPGM0053-DIE Datasheet(PDF) 3 Page - Tyco Electronics

Part No. MAAPGM0053-DIE
Description  Amplifier, Distributed Power, 0.5 W 2.0-18.0 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPGM0053-DIE Datasheet(HTML) 3 Page - Tyco Electronics

  MAAPGM0053-DIE Datasheet HTML 1Page - Tyco Electronics MAAPGM0053-DIE Datasheet HTML 2Page - Tyco Electronics MAAPGM0053-DIE Datasheet HTML 3Page - Tyco Electronics MAAPGM0053-DIE Datasheet HTML 4Page - Tyco Electronics MAAPGM0053-DIE Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Amplifier, Distributed Power, 0.5 W
2.0-18.0 GHz
MAAPGM0053-DIE
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
903217 —
Preliminary Information
3
15
17
19
21
23
25
27
29
31
33
35
234
56789
10
11
12
13
14
15
16
17
18
Frequency (GHz)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Power Out
Drain Current
Figure 1. Output Power and Drain Current at Pin = 22 dBm and VDD = 8V.
Figure 2: Small Signal Gain and VSWR at VD=5V
0
1
2
3
4
5
6
7
8
9
10
23456789
10
11
12
13
14
15
16
17
18
19
20
Frequency (GHz)
1
2
3
4
5
6
Gain
Input VSWR
Output VSWR
10
12
14
16
18
20
22
24
26
28
30
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
Power In (dBm)
0.10
0.14
0.18
0.22
0.26
0.30
0.34
0.38
0.42
0.46
0.50
Po @ 2GHz
Po @ 6GHz
Po @ 10GHz
Po @ 14GHz
Po @ 18GHz
Ids @ 2GHz
Ids @ 6GHz
Ids @ 10GHz
Ids @ 14GHz
Ids @ 18GHz
Figure 3. Output Power and Drain Current vs. Input Power at VDD = 5V.
10
12
14
16
18
20
22
24
26
28
30
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
Power In (dBm)
0.10
0.14
0.18
0.22
0.26
0.30
0.34
0.38
0.42
0.46
0.50
Po @ 2GHz
Po @ 6GHz
Po @ 10GHz
Po @ 14GHz
Po @ 18GHz
Ids @ 2GHz
Ids @ 6GHz
Ids @ 10GHz
Ids @ 14GHz
Ids @ 18GHz
Figure 4. Output Power and Drain Current vs. Input Power at VDD = 8V.
10
12
14
16
18
20
22
24
26
28
30
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
Power In (dBm)
0.10
0.14
0.18
0.22
0.26
0.30
0.34
0.38
0.42
0.46
0.50
Po @ 2GHz
Po @ 6GHz
Po @ 10GHz
Po @ 14GHz
Po @ 18GHz
Ids @ 2GHz
Ids @ 6GHz
Ids @ 10GHz
Ids @ 14GHz
Ids @ 18GHz
Figure 5. Output Power and Drain Current vs. Input Power at VDD = 10V.
0
1
2
3
4
5
6
7
8
9
10
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
Power Out (dBm)
Gain @ 2GHz
Gain @ 6GHz
Gain @ 10GHz
Gain @ 14GHz
Gain @ 18GHz
Figure 6. Compression Characteritics, Gain vs Power Out at VDD = 8V.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn