Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAAPGM0052-DIE Datasheet(PDF) 6 Page - Tyco Electronics

Part No. MAAPGM0052-DIE
Description  Amplifier, Distributed Power 4.0-18.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPGM0052-DIE Datasheet(HTML) 6 Page - Tyco Electronics

  MAAPGM0052-DIE Datasheet HTML 1Page - Tyco Electronics MAAPGM0052-DIE Datasheet HTML 2Page - Tyco Electronics MAAPGM0052-DIE Datasheet HTML 3Page - Tyco Electronics MAAPGM0052-DIE Datasheet HTML 4Page - Tyco Electronics MAAPGM0052-DIE Datasheet HTML 5Page - Tyco Electronics MAAPGM0052-DIE Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Amplifier, Distributed Power
4.0—18.0 GHz
MAAPGM0052-DIE
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
903210 —
Preliminary Information
6
Assembly Instructions:
Die attach: Use AuSn (80/20) 1 mil. preform solder. Limit time @ 300 °C to less than 5 minutes.
Wirebonding: Bond @ 160 °C using standard ball or thermal compression wedge bond techniques. For
DC pad connections, use either ball or wedge bonds. For best RF performance, use wedge bonds of
shortest length, although ball bonds are also acceptable.
Biasing Note: Must apply negative bias to VGG before applying positive bias to VDD to prevent
damage to amplifier.
Figure 9. Recommended bonding diagram for pedestal mount.
Support circuitry typical of MMIC characterization fixture for CW testing.
100 pF
100 pF
RF
IN
RF
OUT
0.1
μF
V
GG
0.1
μF
V
DD
IN
GND:G
GND:G
GND:G
VD
GND:G
GND:G
OUT
GND:G
VG_B GND:G
R
G = 100Ω
Assembly and Bonding Diagram


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn