Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAAPGM0052-DIE Datasheet(PDF) 5 Page - Tyco Electronics

Part No. MAAPGM0052-DIE
Description  Amplifier, Distributed Power 4.0-18.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPGM0052-DIE Datasheet(HTML) 5 Page - Tyco Electronics

  MAAPGM0052-DIE Datasheet HTML 1Page - Tyco Electronics MAAPGM0052-DIE Datasheet HTML 2Page - Tyco Electronics MAAPGM0052-DIE Datasheet HTML 3Page - Tyco Electronics MAAPGM0052-DIE Datasheet HTML 4Page - Tyco Electronics MAAPGM0052-DIE Datasheet HTML 5Page - Tyco Electronics MAAPGM0052-DIE Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Amplifier, Distributed Power
4.0—18.0 GHz
MAAPGM0052-DIE
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
903210 —
Preliminary Information
5
5
Mechanical Information
Chip Size: 3.000 x 3.000 x 0.075 mm
(118 x 118 x 3 mils)
Pad
Size (
μm)
RF In and Out
100 x 150
DC Drain Supply Voltage VDD
150 x 150
DC Gate Supply Voltage VG_B
150 x 150
Size (mils)
4 x 6
6 x 6
6 x 6
Bond Pad Dimensions
Chip edge to bond pad dimensions are shown to the center of the bond pad.
Figure 8. Die Layout
.0467mm
0
0
2.838mm
3.000mmm
2.268mm
IN
GND:G
GND:G
GND:G
VD
GND:G
GND:G
OUT
GND:G
VG_B GND:G


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn