Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAAPGM0052-DIE Datasheet(PDF) 4 Page - Tyco Electronics

Part No. MAAPGM0052-DIE
Description  Amplifier, Distributed Power 4.0-18.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPGM0052-DIE Datasheet(HTML) 4 Page - Tyco Electronics

  MAAPGM0052-DIE Datasheet HTML 1Page - Tyco Electronics MAAPGM0052-DIE Datasheet HTML 2Page - Tyco Electronics MAAPGM0052-DIE Datasheet HTML 3Page - Tyco Electronics MAAPGM0052-DIE Datasheet HTML 4Page - Tyco Electronics MAAPGM0052-DIE Datasheet HTML 5Page - Tyco Electronics MAAPGM0052-DIE Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Amplifier, Distributed Power
4.0—18.0 GHz
MAAPGM0052-DIE
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
903210 —
Preliminary Information
4
Figure 5. Output Power vs. Input Power and Frequency at VD=8V.
0
5
10
15
20
25
30
35
40
45
50
0
1
2
3
4
5
6
7
8
9
1011
1213
141516
1718
1920
Input Power (dBm)
6GHz
10GHz
15GHz
18GHz
Figure 6. RF Drain Current vs. Input Power and Frequency at VD=8V.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Input Power (dBm)
6GHz
10GHz
15GHz
18GHz
Figure 7. Gain and Noise Figure vs. Frequency and Drain Voltage at 25% IDSS.
0
2
4
6
8
10
12
14
16
18
20
456789
10
11
12
13
14
15
16
17
18
Frequency (GHz)
0
2
4
6
8
10
12
14
16
18
20
5V Gain
8V Gain
10V Gain
5V NF
8V NF
10V NF


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn