Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAAPGM0034-DIE Datasheet(PDF) 4 Page - Tyco Electronics

Part No. MAAPGM0034-DIE
Description  0.5W X/Ku-Band Power Amplifier 8.0-12.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPGM0034-DIE Datasheet(HTML) 4 Page - Tyco Electronics

  MAAPGM0034-DIE Datasheet HTML 1Page - Tyco Electronics MAAPGM0034-DIE Datasheet HTML 2Page - Tyco Electronics MAAPGM0034-DIE Datasheet HTML 3Page - Tyco Electronics MAAPGM0034-DIE Datasheet HTML 4Page - Tyco Electronics MAAPGM0034-DIE Datasheet HTML 5Page - Tyco Electronics MAAPGM0034-DIE Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
0.5W X/Ku-Band Power Amplifier
MAAPGM0034-DIE
RO-P-DS-3019 A
4/6
Specifications subject to change without notice.
Email: macom_adbu_ics@tycoelectronics.com
North America: Tel. (800) 366-2266
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1908) 574 200, Fax+44 (1908) 574 300
Visit www.macom.com for additional data sheets and product information.
Figure 3. 1dB Compression Point vs. Drain Voltage
0
10
20
30
40
50
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
12.5
13.0
Frequency (GHz)
VDD = 4
VDD = 6
VDD = 8
VDD = 10
Figure 4. Small Signal Gain and Input VSWR vs. Frequency at VDD = 10V.
5
10
15
20
25
30
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
12.5
13.0
Frequency (GHz)
1
2
3
4
5
6
GAIN
VSWR


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SST11LP124.9-5.8 GHz High-Linearity Power Amplifier 1 2 3 4 5 MoreSilicon Storage Technology, Inc
STA-60334.9 - 5.9 GHz 3.3V Power Amplifier 1 2 3 4 5 MoreSIRENZA MICRODEVICES
CMM0014-BD_062.0-22.0 GHz GaAs MMIC Power Amplifier 1 2 3 Mimix Broadband
XP1024-BD26.0-31.0 GHz GaAs MMIC Power Amplifier 1 2 3 4 5 MoreMimix Broadband
HMC591GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER 6.0 - 10.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
MAAP-000064-PKG003Amplifier Power 2W 6.5-9.5 GHz 1 2 3 4 Tyco Electronics
MAAPGM0029-DIEAmplifier Power 1W 3.5-6.5 GHz 1 2 3 4 5 Tyco Electronics
SST12LP002.4-2.5 GHz Power Amplifier 1 2 3 4 5 MoreSilicon Storage Technology, Inc
CMM0016_062.0-20.0 GHz GaAs MMIC 1W Power Amplifier 1 2 3 4 5 Mimix Broadband
XP1025-BD28.0-31.0 GHz GaAs MMIC Power Amplifier 1 2 3 4 5 Mimix Broadband

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn