Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAAPGM0034-DIE Datasheet(PDF) 2 Page - Tyco Electronics

Part No. MAAPGM0034-DIE
Description  0.5W X/Ku-Band Power Amplifier 8.0-12.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPGM0034-DIE Datasheet(HTML) 2 Page - Tyco Electronics

  MAAPGM0034-DIE Datasheet HTML 1Page - Tyco Electronics MAAPGM0034-DIE Datasheet HTML 2Page - Tyco Electronics MAAPGM0034-DIE Datasheet HTML 3Page - Tyco Electronics MAAPGM0034-DIE Datasheet HTML 4Page - Tyco Electronics MAAPGM0034-DIE Datasheet HTML 5Page - Tyco Electronics MAAPGM0034-DIE Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
0.5W X/Ku-Band Power Amplifier
MAAPGM0034-DIE
RO-P-DS-3019 A
2/6
Specifications subject to change without notice.
Email: macom_adbu_ics@tycoelectronics.com
North America: Tel. (800) 366-2266
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1908) 574 200, Fax+44 (1908) 574 300
Visit www.macom.com for additional data sheets and product information.
Maximum Operating Conditions 1
Operating Instructions
This device is static sensitive. Please handle with
care. To operate the device, follow these steps.
1. Apply VGG = -2 V, VDD= 0 V.
2. Ramp VDD to desired voltage, typically 10.0 V.
3. Adjust
VGG to set IDQ, (approximately @ –2 V).
4. Set RF input.
5. Power down sequence in reverse. Turn gate
voltage off last.
Recommended Operating Conditions
Parameter
Symbol
Absolute Maximum
Units
Input Power
PIN
21.0
dBm
Drain Supply Voltage
VDD
+12.0
V
Gate Supply Voltage
VGG
-3.0
V
Quiescent Drain Current (No RF)
IDQ
190
mA
Quiescent DC Power Dissipated (No RF)
PDISS
1.2
W
Junction Temperature
TJ
180
°C
Storage Temperature
TSTG
-55 to +150
°C
1. Operation outside of these ranges may reduce product reliability. Operation at other than typical values may result in
performance outside guranteed limits.
2. Maximum MMIC Base Temperature = 150°C —ΘJC* VDD * IDQ
Characteristic
Symbol
Min
Typ
Max
Unit
Drain Voltage
VDD
4.0
10.0
10.0
V
Gate Voltage
VGG
-2.3
-2.0
-1.5
V
Input Power
PIN
18.0
19.0
dBm
Junction Temperature
TJ
150
°C
MMIC Base Temperature
TB
Note 2
°C
Thermal Resistance
ΘJC
64.1
°C/W


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SST11LP124.9-5.8 GHz High-Linearity Power Amplifier 1 2 3 4 5 MoreSilicon Storage Technology, Inc
STA-60334.9 - 5.9 GHz 3.3V Power Amplifier 1 2 3 4 5 MoreSIRENZA MICRODEVICES
CMM0014-BD_062.0-22.0 GHz GaAs MMIC Power Amplifier 1 2 3 Mimix Broadband
XP1024-BD26.0-31.0 GHz GaAs MMIC Power Amplifier 1 2 3 4 5 MoreMimix Broadband
HMC591GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER 6.0 - 10.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
MAAP-000064-PKG003Amplifier Power 2W 6.5-9.5 GHz 1 2 3 4 Tyco Electronics
MAAPGM0029-DIEAmplifier Power 1W 3.5-6.5 GHz 1 2 3 4 5 Tyco Electronics
SST12LP002.4-2.5 GHz Power Amplifier 1 2 3 4 5 MoreSilicon Storage Technology, Inc
CMM0016_062.0-20.0 GHz GaAs MMIC 1W Power Amplifier 1 2 3 4 5 Mimix Broadband
XP1025-BD28.0-31.0 GHz GaAs MMIC Power Amplifier 1 2 3 4 5 Mimix Broadband

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn