Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAAP-008171 Datasheet(PDF) 2 Page - Tyco Electronics

Part No. MAAP-008171
Description  High Power PHEMT 600 - 4000 MHz, 30 dBm Linear Pout, 10 watt P1dB
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

MAAP-008171 Datasheet(HTML) 2 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
High Power PHEMT
600 – 4000 MHz, 30 dBm Linear Pout, 10 watt P1dB
MAAP-008171
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2P
2
RoHS
Compliant
Electrical Specifications: F = 2.3 - 2.7 GHz, TA = +25 °C, VDD = 12.0 V, in test fixture
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
2.5 GHz
dB
11
Input Return Loss
2.3 to 2.7 GHz
dB
5
Output P1dB
2.3 to 2.7 GHz OFDM application
2010 MHz CW application
dBm
dBm
37.5
39.5
EVM
P
OUT = 30 dBm
OFDM, QAM-64 802.16
%
2.5
Device / Supply Voltage
V
12
Gate Voltage
V
GG (for IDD = 200 mA)
V
-0.7
Active Supply Current
P
OUT = 30 dBm
mA
420
PAE
P
OUT = 30 dBm
%
18
PCB Layout
Parts List
Part
Value
Case Style Manufacturer
C1,C12
0.1 µF
0402
Murata
C2,C11
1000 pF
0402
Murata
C3,C4,C9,C10
10 pF
0402
Murata
C5
1.6 pF
0402
Murata
C6,C7
3.3 pF
0402
Murata
C8
1.2 pF
0402
Murata
C13,C14
10 µF
1206
Murata
L1,L2
3.3 nH
0402
Coilcraft
R1
50 Ω
0402
Panasonic
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
FR-4 Circuit Board, thickness = 0.20 mm


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn