Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAAP-008015 Datasheet(PDF) 5 Page - Tyco Electronics

Part No. MAAP-008015
Description  Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAP-008015 Datasheet(HTML) 5 Page - Tyco Electronics

  MAAP-008015 Datasheet HTML 1Page - Tyco Electronics MAAP-008015 Datasheet HTML 2Page - Tyco Electronics MAAP-008015 Datasheet HTML 3Page - Tyco Electronics MAAP-008015 Datasheet HTML 4Page - Tyco Electronics MAAP-008015 Datasheet HTML 5Page - Tyco Electronics MAAP-008015 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Linear Power Amplifier
2.4 - 2.5 GHz, 802.11b/g
MAAP-008015
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
5
RoHS
Compliant
Lead-Free 3 mm 12-Lead PQFN
Reference Application Note M538 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.
External Parts List
6
Evaluation Board Schematic
6. Equivalent components can be substituted.
Component
Value
Footprint Manufacturer
C1
1000 µF
0402
Murata
C2, C3, C6, C10, C11
0.1 µF
0402
Murata
C4, C7, C9
47 pF
0402
Murata
C5
10 µF
1206
AVX
C8
1.0 pF
0402
Murata
L1
10 nH
0402
Coilcraft
R1
10 Ω
0402
Panasonic
R2
1000 Ω
0402
Panasonic
R3
619 Ω
0402
Panasonic
T1
48.8 Ω, 29.04° @ 2400 MHz
Recommended PCB Configuration


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn