Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAAP-008015 Datasheet(PDF) 3 Page - Tyco Electronics

Part No. MAAP-008015
Description  Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAP-008015 Datasheet(HTML) 3 Page - Tyco Electronics

  MAAP-008015 Datasheet HTML 1Page - Tyco Electronics MAAP-008015 Datasheet HTML 2Page - Tyco Electronics MAAP-008015 Datasheet HTML 3Page - Tyco Electronics MAAP-008015 Datasheet HTML 4Page - Tyco Electronics MAAP-008015 Datasheet HTML 5Page - Tyco Electronics MAAP-008015 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Linear Power Amplifier
2.4 - 2.5 GHz, 802.11b/g
MAAP-008015
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
3
RoHS
Compliant
Typical Performance Curves: VCC = 3.3 V, VEN = 2.5 V, over Temperature
S21 vs. Frequency –Gain
S22 vs. Frequency
S22 vs. Frequency (2.3 GHz - 2.6 GHz)
S21 vs. Frequency (2.3 GHz - 2.6 GHz) -Gain
5
10
15
20
25
30
35
1.0
1.5
2.0
2.5
3.0
3.5
4.0
+25C
-40C
+85C
Frequency (GHz)
20
25
30
35
40
2.30
2.35
2.40
2.45
2.50
2.55
2.60
+25C
-40C
+85C
Frequency (GHz)
-20
-15
-10
-5
0
1.01.5
2.02.5
3.03.5
4.0
+25C
-40C
+85C
Frequency (GHz)
S11 vs. Frequency
S11 vs. Frequency (2.3 GHz - 2.6 GHz)
-20
-15
-10
-5
0
2.30
2.35
2.40
2.45
2.50
2.55
2.60
+25C
-40C
+85C
Frequency (GHz)
-20
-15
-10
-5
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
+25C
-40C
+85C
Frequency (GHz)
-20
-15
-10
-5
0
2.30
2.35
2.40
2.45
2.50
2.55
2.60
+25C
-40C
+85C
Frequency (GHz)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn