Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAAP-008015 Datasheet(PDF) 2 Page - Tyco Electronics

Part No. MAAP-008015
Description  Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAP-008015 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAP-008015 Datasheet HTML 1Page - Tyco Electronics MAAP-008015 Datasheet HTML 2Page - Tyco Electronics MAAP-008015 Datasheet HTML 3Page - Tyco Electronics MAAP-008015 Datasheet HTML 4Page - Tyco Electronics MAAP-008015 Datasheet HTML 5Page - Tyco Electronics MAAP-008015 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Linear Power Amplifier
2.4 - 2.5 GHz, 802.11b/g
MAAP-008015
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
2
RoHS
Compliant
Electrical Specifications: F = 2.45 GHz, VCC = 3.3 V, VEN = 2.5 V, TA = 25°C, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
dB
29
31
33
Input Return Loss
dB
9
Forward Isolation
dB
50
P1dB
dBm
23
Supply Voltage
VCC1, VCC2, VCC3
V
3.3
Bias Voltage
VEN
V
2.5
Current
Idle
POUT = 16 dBm, Modulated
3
POUT = 16 dBm, C.W.
mA
mA
mA
30
60
43
65
85
55
100
Off Current
VEN = 0 V
µA
3
20
Control Current
VEN Current
mA
3
5
Harmonics
2fo @ -15 dBm Input Power
3fo @ -15 dBm Input Power
dBc
dBc
-26
-75
Duty Cycle
%
100
Linear Output Power
DSS source; compliance with 802.11b
EVM=2.5%, OFDM, QAM-64, 54 Mbps
dBm
dBm
20
16
Detector Output
POUT = 16 dBm, C.W.
V
1.35
1.5
1.75
Detector Sensitivity
Up to POUT = 16 dBm
mV/dB
110
Parameter
Absolute Maximum
Input Power
+ 5 dBm
Operating Supply Voltage
+4.0 Volts
Operating Control Voltage
+3.0 Volts
Operating Temperature
-20°C to +85°C
Channel Temperature
+150°C
Storage Temperature
-40°C to +150°C
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM does not recommend sustained operation near
these survivability limits.
Absolute Maximum Ratings
4,5
3. EVM=2.5%, OFDM, QAM-64, 54 Mbps.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn