Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAAP-007899 Datasheet(PDF) 4 Page - Tyco Electronics

Part No. MAAP-007899
Description  High Power Linear Amplifier 5.7 - 5.9 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

MAAP-007899 Datasheet(HTML) 4 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
High Power Linear Amplifier
5.7 - 5.9 GHz
MAAP-007899
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3P
4
RoHS
Compliant
Typical Performance Curves: VCC = 5 V, VEN = 5 V, +25°C
Gain
S11
S22
EVM
P1dB
EVM vs. Temperature @ 5.8 GHz
20
21
22
23
24
25
5.50
5.60
5.70
5.80
5.90
6.00
Frequency (GHz)
-20
-18
-16
-14
-12
-10
5.50
5.60
5.70
5.80
5.90
6.00
Frequency (GHz)
-25
-20
-15
-10
-5
0
5.50
5.60
5.70
5.80
5.90
6.00
Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
10
12
14
16
18
20
22
24
26
5.7 Ghz
5.8 GHz
5.9 GHz
Channel Power (dBm)
9
12
15
18
21
24
11
14
17
19
22
25
27
30
33
5.7 GHz
5.8 GHz
5.9 GHz
Output Power (dBm)
0
1
2
3
4
5
6
7
8
9
10
10
12
14
16
18
20
22
24
26
-20 C
25 C
85 C
Output Power (dBm)


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn