Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAAP-007899 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. MAAP-007899
Description  High Power Linear Amplifier 5.7 - 5.9 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

MAAP-007899 Datasheet(HTML) 1 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High Power Linear Amplifier
5.7 - 5.9 GHz
MAAP-007899
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3P
1
RoHS
Compliant
This PRELIMINARY Data Sheet contains information regarding a product M/A-COM is considering for development. Performance
is based on simulated results or target specifications. Commitment to produce in volume is not guaranteed.
Features
• Ideal for 802.11a MESH and Access Point, 5.8
GHz WiMax, and other Linear Applications
• Linear Pout: 20 dBm (802.11a Signal, 3% EVM)
• IP1dB: +28 dBm Typical
• Small Signal Gain: 23 dB Typical
• EVM: 3% at 20 dBm Linear (OFDM) P
OUT
• Lead-Free 4 mm 16 lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s MAAP-007899 RF power amplifier is a
three stage GaAs MMIC designed specifically for
5.7-5.9
GHz
WiMax
802.16
and
802.11a
applications.
The power amplifier maintains high linearity under
OFDM modulation. The MAAP-007899 is fabricated
using a high reliability GaAs HBT process to realize
low current and high power functionality. The
process features full passivation for increased
performance and reliability.
Ordering Information
1
Part Number
Package
MAAP-007899-TR3000
3000 piece reel
MAAP-007899-001SMB
Sample Test Board
5.7 - 5.9 GHz
MAAP-007899-TR1000
1000 piece reel
1. Reference Application Note M513 for reel size information.
2. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Pin Configuration
Pin
Pin Name
Description
1
VCS
Bias Supply Voltage
2
N/C
No Connection
3
RFIN
RF Input
4
N/C
No Connect
5
N/C
No Connect
6
VEN
Power Enable
7
N/C
No Connection
8
N/C
No Connection
9
N/C
No Connection
10
RFOUT/VCC3
RF Output, 3rd Stage Supply
11
RFOUT/VCC3
RF Output, 3rd Stage Supply
12
RFOUT/VCC3
RF Output, 3rd Stage Supply
13
N/C
No Connection
14
VCC2
2nd Stage Supply
15
N/C
No Connection
16
VCC1
1st Stage Supply
17
Paddle
2
RF & DC Ground
Block Diagram


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn