Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAAP-000074-PED000 Datasheet(PDF) 5 Page - Tyco Electronics

Part No. MAAP-000074-PED000
Description  Amplifier, Power, 8W 2.0-8.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAP-000074-PED000 Datasheet(HTML) 5 Page - Tyco Electronics

  MAAP-000074-PED000 Datasheet HTML 1Page - Tyco Electronics MAAP-000074-PED000 Datasheet HTML 2Page - Tyco Electronics MAAP-000074-PED000 Datasheet HTML 3Page - Tyco Electronics MAAP-000074-PED000 Datasheet HTML 4Page - Tyco Electronics MAAP-000074-PED000 Datasheet HTML 5Page - Tyco Electronics MAAP-000074-PED000 Datasheet HTML 6Page - Tyco Electronics MAAP-000074-PED000 Datasheet HTML 7Page - Tyco Electronics MAAP-000074-PED000 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Amplifier, Power, 8W
2.0-8.0 GHz
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.comfor additional data sheets and product information.
5
MAAP-000074-PED000
Rev —
Preliminary Datasheet
Figure 15. Second Harmonic vs. Frequency by Input Power at 10V and 25% IDSS
0
10
20
30
40
50
60
70
80
90
100
2.02.5
3.03.5
4.0
4.5
5.05.5
6.06.5
7.07.5
8.08.5
9.0
Frequency (GHz)
6 dBm
10 dBm
14 dBm
18 dBm
22 dBm
26 dBm
30 dBm
Figure 16. Fixture used to characterize MAAPGM0074-DIE
under CW stimulus.
Figure 13. Power Added Efficiency vs. Input Power by Frequency at 8V and
25% IDSS
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
6
8
10
12
14
16
18
20
22
24
26
28
30
Input Power (dBm)
2 GHz
3 GHz
4 GHz
5 GHz
6 GHz
7 GHz
8 GHz
Figure 14. Drain Current vs. Input Power by Frequency at 8V and 25% IDSS
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
6
8
10
12
14
16
18
20
22
24
26
28
30
Input Power (dBm)
2 GHz
3 GHz
4 GHz
5 GHz
6 GHz
7 GHz
8 GHz
All Data is at 30ºC MMIC base temperature, CW stimulus, unless otherwise noted.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn