Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9181 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SI9181
Description  Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9181 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SI9181_05 Datasheet HTML 3Page - Vishay Siliconix SI9181_05 Datasheet HTML 4Page - Vishay Siliconix SI9181_05 Datasheet HTML 5Page - Vishay Siliconix SI9181_05 Datasheet HTML 6Page - Vishay Siliconix SI9181_05 Datasheet HTML 7Page - Vishay Siliconix SI9181_05 Datasheet HTML 8Page - Vishay Siliconix SI9181_05 Datasheet HTML 9Page - Vishay Siliconix SI9181_05 Datasheet HTML 10Page - Vishay Siliconix SI9181_05 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Si9181
Vishay Siliconix
Document Number: 71119
S-50955—Rev. F, 16-May-05
www.vishay.com
7
TYPICAL WAVEFORMS
Load Transient Response-1
ILOAD
100 mA/div
VOUT
10 mV/div
VOUT = 3.3 V
COUT = 2.2 mF
ILOAD = 1 to 150 mA
trise = 2 msec
Load Transient Response-2
VOUT = 3.3 V
COUT = 2.2 mF
ILOAD = 150 to 1 mA
tfall = 2 msec
5.00 ms/div
ILOAD
100 mA/div
VOUT
10 mV/div
Load Transient Response-3
ILOAD
100 mA/div
VOUT
10 mV/div
VOUT = 3.3 V
COUT = 1.0 mF
ILOAD = 1 to 150 mA
trise = 2 msec
Load Transient Response-4
VOUT = 3.3 V
COUT = 1.0 mF
ILOAD = 150 to 1 mA
tfall = 2 msec
5.00 ms/div
ILOAD
100 mA/div
VOUT
10 mV/div
LineTransient Response-1
VOUT
10 mV/div
VIN
2 V/div
VINSTEP = 4.3 to 5.3 V
VOUT = 3.3 V
COUT = 2.2 mF
CIN = 10 mF
ILOAD = 350 mA
trise = 5 msec
5.00 ms/div
VOUT
1 V/div
LineTransient Respons-2
VINSTEP = 5.3 to 4.3 V
VOUT = 3.3 V
COUT = 2.2 mF
CIN = 10 mF
ILOAD = 350 mA
tfall = 5 msec
VOUT
10 mV/div
5.00 ms/div
5.00 ms/div
5.00 ms/div


Similar Part No. - SI9181_05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9181DB VISHAY-SI9181DB Datasheet
59Kb / 9P
   Si9181DB/Si9182DB Demonstration Board
26-Sep-00
SI9181DQ-15-T1 VISHAY-SI9181DQ-15-T1 Datasheet
125Kb / 10P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. D, 19-Apr-04
SI9181DQ-15-T1-3 VISHAY-SI9181DQ-15-T1-3 Datasheet
125Kb / 10P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. D, 19-Apr-04
SI9181DQ-18-T1 VISHAY-SI9181DQ-18-T1 Datasheet
125Kb / 10P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. D, 19-Apr-04
SI9181DQ-18-T1-E3 VISHAY-SI9181DQ-18-T1-E3 Datasheet
125Kb / 10P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. D, 19-Apr-04
More results

Similar Description - SI9181_05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9181 VISHAY-SI9181 Datasheet
125Kb / 10P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. D, 19-Apr-04
SI9182 VISHAY-SI9182 Datasheet
129Kb / 10P
   Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 28-Jun-04
SI9185 VISHAY-SI9185_V01 Datasheet
189Kb / 13P
   Micropower 500 mA CMOS LDO Regulator with Error Flag/Power-On-Reset
18-Jul-08
SI91822 VISHAY-SI91822 Datasheet
119Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. A, 15-Oct-01
logo
Texas Instruments
LP3997 TI-LP3997_15 Datasheet
954Kb / 18P
[Old version datasheet]   Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
logo
National Semiconductor ...
LP3997 NSC-LP3997 Datasheet
279Kb / 11P
   Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
logo
Vishay Siliconix
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
logo
ON Semiconductor
NCV8770 ONSEMI-NCV8770 Datasheet
210Kb / 13P
   Ultra Low Iq 350 mA LDO Regulator with Reset
February, 2013 ??Rev. 1
NCV8775C ONSEMI-NCV8775C Datasheet
225Kb / 15P
   Ultra Low Iq 350 mA LDO Regulator with Reset
December, 2019 ??Rev. 1
logo
Vishay Siliconix
SI9185 VISHAY-SI9185 Datasheet
138Kb / 12P
   Micropower 500-mA CMOS LDO Regulator
Rev. B, 06-May-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com