Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLR682M63V20X30F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRLR682M63V20X30F
Description  Large Can Aluminum Electrolytic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLR682M63V20X30F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRLR682M63V20X30F Datasheet HTML 1Page - NIC-Components Corp. NRLR682M63V20X30F Datasheet HTML 2Page - NIC-Components Corp. NRLR682M63V20X30F Datasheet HTML 3Page - NIC-Components Corp. NRLR682M63V20X30F Datasheet HTML 4Page - NIC-Components Corp. NRLR682M63V20X30F Datasheet HTML 5Page - NIC-Components Corp. NRLR682M63V20X30F Datasheet HTML 6Page - NIC-Components Corp. NRLR682M63V20X30F Datasheet HTML 7Page - NIC-Components Corp. NRLR682M63V20X30F Datasheet HTML 8Page - NIC-Components Corp. NRLR682M63V20X30F Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
151
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
W.V.
Cap (
µF)
Case Size
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms@85°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
10
10,000
20x25
0.092
0.071
2.22
2.55
12,000
20x30
0.076
0.059
2.44
2.80
22x25
0.076
0.059
2.41
2.77
15,000
20x35
0.061
0.047
2.90
3.33
22x30
0.061
0.047
2.88
3.31
25x25
0.061
0.047
2.88
3.31
18,000
20x40
0.051
0.039
3.31
3.80
22x35
0.051
0.039
3.32
3.81
25x30
0.051
0.039
3.08
3.54
22,000
22x40
0.042
0.032
3.79
4.35
25x30
0.042
0.032
3.66
4.20
30x25
0.042
0.032
3.58
4.11
27,000
22x45
0.034
0.026
4.04
4.64
25x35
0.034
0.026
4.04
4.64
30x30
0.034
0.026
3.99
4.58
33,000
22x50
0.028
0.022
4.58
5.26
25x40
0.028
0.022
4.56
5.24
30x30
0.028
0.022
4.58
5.26
39,000
25x45
0.024
0.018
5.29
6.08
30x35
0.024
0.018
5.21
5.99
35x30
0.024
0.018
5.05
5.80
47,000
25x50
0.020
0.015
5.78
6.64
30x40
0.020
0.015
5.78
6.64
35x35
0.020
0.015
5.55
6.38
56,000
30x45
0.017
0.013
6.59
7.57
35x35
0.017
0.013
6.40
7.36
68,000
30x50
0.014
0.011
7.50
8.62
35x40
0.014
0.011
7.48
8.60
82,000
35x50
0.012
0.009
8.50
9.77
16
8,200
20x25
0.102
0.078
2.56
2.94
10,000
20x30
0.083
0.064
2.85
3.27
22x25
0.083
0.064
2.85
3.27
12,000
20x35
0.070
0.054
3.20
3.68
22x30
0.070
0.054
3.20
3.68
15,000
20x40
0.056
0.043
3.70
4.25
22x35
0.056
0.043
3.70
4.25
25x25
0.056
0.043
3.70
4.25
18,000
22x40
0.047
0.036
3.98
4.57
25x30
0.047
0.036
3.98
4.57
22,000
22x45
0.038
0.029
4.52
5.19
25x35
0.038
0.029
4.52
5.19
30x25
0.038
0.029
4.52
5.19
27,000
22x50
0.031
0.024
4.98
5.72
25x40
0.031
0.024
4.98
5.72
30x30
0.031
0.024
4.98
5.72
33,000
25x45
0.026
0.020
5.49
6.31
30x35
0.026
0.020
5.49
6.31
35x30
0.026
0.020
5.49
6.31
39,000
25x50
0.022
0.017
6.11
7.02
30x40
0.022
0.017
6.11
7.02
35x35
0.022
0.017
6.11
7.02
47,000
30x45
0.018
0.014
6.80
7.82
35x35
0.018
0.014
6.80
7.82
56,000
30x50
0.015
0.012
7.62
8.76
35x40
0.015
0.012
7.62
8.76
68,000
35x45
0.013
0.010
8.45
9.71
82,000
35x50
0.011
0.008
9.14
10.51
Large Can Aluminum Electrolytic Capacitors
NRLR Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS


Similar Part No. - NRLR682M63V20X30F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLR682M63V25X50SF NIC-NRLR682M63V25X50SF Datasheet
126Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLR682M63V20X30F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com