Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAMSS0001 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAMSS0001
Description  Low Noise CATV Amplifier 50 - 870 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0001 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAMSS0001 Datasheet HTML 1Page - Tyco Electronics MAAMSS0001 Datasheet HTML 2Page - Tyco Electronics MAAMSS0001 Datasheet HTML 3Page - Tyco Electronics MAAMSS0001 Datasheet HTML 4Page - Tyco Electronics MAAMSS0001 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Low Noise CATV Amplifier, 50 - 870 MHz
MAAMSS0001
V2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
North America: Tel. (800) 366-2266
Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1908) 574 200, Fax +44 (1908) 574 300
2
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
dB
11.5
12.0
13.0
Gain Flatness
dB
0.35
Noise Figure
50-150 MHz
150-870 MHz
dB
dB
3.8
2.8
4.0
Input Return Loss
dB
10
15
Output Return Loss
dB
11
IP3
Two tones at 397 & 403 MHz,
+4 dBm output per tone
dBm
33
Composite Triple Beat, CTB
135 Channels, +25 dBmV/
Channel at the output
dBc
-72.5
-70
Composite Second Order, CSO
135 Channels, +25 dBmV/
Channel at the output
dBc
-75
-70
Cross modulation
135 Channels, +25 dBmV/
Channel at the output
dBc
-64
P1dB
400 MHz
dBm
23
IDD
+ 5 Volts
mA
190
225
Electrical Specifications: TA = 25°C, Freq: 50 - 870 MHz, VDD = +5 Volts,
Z0 = 75 ohms, Test Circuit with M/A-COM Balun ETN1-1-13TR
Handling Procedures
The following precautions should be observed to
avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are
sensitive to electrostatic discharge (ESD) and
can be damaged by static electricity. Proper
ESD control techniques should be used when
handling these devices.


Similar Part No. - MAAMSS0001

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAMSS0001 MA-COM-MAAMSS0001 Datasheet
106Kb / 4P
   Low Noise CATV Amplifier 50 - 870 MHz
logo
Tyco Electronics
MAAMSS00014SMB-01 MACOM-MAAMSS00014SMB-01 Datasheet
240Kb / 5P
   Broadband Driver Amplifier 500 - 2400 MHz
logo
M/A-COM Technology Solu...
MAAMSS00014SMB-01 MA-COM-MAAMSS00014SMB-01 Datasheet
143Kb / 6P
   Broadband Driver Amplifier 500 - 2400 MHz
logo
Tyco Electronics
MAAMSS00014SMB-02 MACOM-MAAMSS00014SMB-02 Datasheet
240Kb / 5P
   Broadband Driver Amplifier 500 - 2400 MHz
logo
M/A-COM Technology Solu...
MAAMSS00014SMB-02 MA-COM-MAAMSS00014SMB-02 Datasheet
143Kb / 6P
   Broadband Driver Amplifier 500 - 2400 MHz
More results

Similar Description - MAAMSS0001

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAMSS0040 MA-COM-MAAMSS0040 Datasheet
107Kb / 4P
   Low Noise CATV Amplifier 50 - 870 MHz
MAAMSS0001 MA-COM-MAAMSS0001 Datasheet
106Kb / 4P
   Low Noise CATV Amplifier 50 - 870 MHz
logo
Tyco Electronics
MAAMSS0040 MACOM-MAAMSS0040 Datasheet
229Kb / 4P
   Low Noise CATV Amplifier 50 - 870 MHz
MAAMSS0067 MACOM-MAAMSS0067 Datasheet
115Kb / 4P
   Low Noise CATV Amplifier 50 - 1000 MHz
MAAMSS0003 MACOM-MAAMSS0003 Datasheet
226Kb / 4P
   Low Noise CATV Amplifier 50 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAMSS0067 MA-COM-MAAMSS0067 Datasheet
94Kb / 4P
   Low Noise CATV Amplifier 50 - 1000 MHz
logo
Tyco Electronics
MAAM-007724-000000 MACOM-MAAM-007724-000000 Datasheet
115Kb / 4P
   Low Noise CATV Amplifier 50 - 1005 MHz
logo
M/A-COM Technology Solu...
MAAMSS0003 MA-COM-MAAMSS0003 Datasheet
93Kb / 4P
   Low Noise CATV Amplifier 50 - 1000 MHz
MAAM-007724 MA-COM-MAAM-007724 Datasheet
94Kb / 4P
   Low Noise CATV Amplifier 50 - 1005 MHz
logo
ANADIGICS, Inc
ACA1205 ANADIGICS-ACA1205 Datasheet
231Kb / 12P
   750/870 MHZ CATV LINE AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com