Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ358 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AZ358
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ358 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AZ358_1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ358_1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ358_1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ358_1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ358_1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ358_1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ358_1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ358_1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ358_1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AZ358/358C
5
Aug. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Data Sheet
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VIO
VO=1.4V, RS=0Ω,
VCC=5V to 15V
AZ358
2
5
mV
AZ358C
2
3
Input Bias Current
(Note 4)
IBIAS
IIN+ or IIN-, VCM=0V
20
200
nA
Input Offset Current
IIO
IIN+-IIN-, VCM=0V
5
50
nA
Input Common Mode
Voltage Range (Note 5)
VIR
VCC=15V
0
VCC-1.5
V
Supply Current
ICC
RL=∞, Over full temperature
range on all OP Amps
VCC=15V
0.7
1.5
mA
VCC=5V
0.5
1.2
Large Signal Voltage Gain
GV
VCC=15V, RL≥2ΚΩ,
VO=1V to 11V
85
100
dB
Common Mode Rejection
Ratio
CMRR
VCM=0V to (VCC-1.5)V
70
90
dB
Power Supply Rejection
Ration
PSRR
VCC=5V to 15V
70
90
dB
Channel Separation
(Note 6)
CS
f=1KHz to 20KHz
-120
dB
Output Current
Source
ISOURCE VIN+=1V, VIN-=0V, VCC=15V, VO=2V
20
40
mA
Sink
ISINK
VIN+=0V, VIN-=1V, VCC=15V, VO=2V
10
18
mA
VIN+=0V, VIN-=1V, VCC=15V, VO=0.2V
12
50
µA
Output
Short
Circuit
to
Ground
ISC
VCC=15V
40
60
mA
Output Voltage Swing
VOH
VCC=15V, RL=2KΩ
12
V
VCC=15V, RL=10KΩ
12.5
13.5
VOL
VCC=5V, RL=10KΩ
5
20
mV
Note 4: The direction of the input current is out of the IC due to the PNP input stage. This current is essentially
constant, independent of the state of the output so no loading change exists on the input lines.
Note 5: The input common-mode voltage of either input signal voltage should not be allowed to go negatively by
more than 0.3V (at 25oC). The upper end of the common-mode voltage range is VCC-1.5V (at 25
oC), but either or
both inputs can go to +18V without damages, independent of the magnitude of the VCC.
Note 6: Due to proximity of external components, insure that coupling is not originating via stray capacitors
between these external parts. This typically can be detected as this type of capacitance increases at higher frequen-
cies.
VCC=5V, GND=0, TA=25
oC unless otherwise specified.
Electrical Characteristics


Similar Part No. - AZ358_1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ358C BCDSEMI-AZ358C Datasheet
57Kb / 2P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AZ358CM BCDSEMI-AZ358CM Datasheet
57Kb / 2P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AZ358CM-E1 BCDSEMI-AZ358CM-E1 Datasheet
57Kb / 2P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AZ358CMTR BCDSEMI-AZ358CMTR Datasheet
57Kb / 2P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AZ358CMTR- BCDSEMI-AZ358CMTR- Datasheet
57Kb / 2P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - AZ358_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
   Low Power Dual Operational Amplifiers
logo
Princeton Technology Co...
RS358 PTC-RS358 Datasheet
217Kb / 5P
   Low Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com