Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MA08509D Datasheet(PDF) 5 Page - Tyco Electronics

Part No. MA08509D
Description  Amplifier, Power, 10W 8.5-10.5 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo MACOM - Tyco Electronics

MA08509D Datasheet(HTML) 5 Page - Tyco Electronics

  MA08509D_1 Datasheet HTML 1Page - Tyco Electronics MA08509D_1 Datasheet HTML 2Page - Tyco Electronics MA08509D_1 Datasheet HTML 3Page - Tyco Electronics MA08509D_1 Datasheet HTML 4Page - Tyco Electronics MA08509D_1 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Amplifier, Power, 10W
8.5—10.5 GHz
MA08509D
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Rev A
Preliminary Information
5
Figure 5. Recommended bonding diagram for pedestal mount.
Support circuitry typical of MMIC characterization fixture for CW testing.
NOTE: Indicated Gate voltage pad (VGG 2) represents the nominal bias
condition. However, the device current can be increased or decreased
as required by bonding to either VGG 1 or VGG 3 (respectively).
Assembly Instructions:
Die attach: Use AuSn (80/20) 1 mil. preform solder. Limit time @ 310 °C to less
than 7 minutes. Refer to Application Note AN3017 for more detailed information.
Wirebonding: Bond @ 160 °C using standard ball or thermal compression wedge
bond techniques. For DC pad connections, use either ball or wedge bonds. For best
RF performance, use wedge bonds of shortest length, although ball bonds are also
acceptable.
Biasing Note: Must apply negative bias to VGG before applying positive bias to
VDD to prevent damage to amplifier.
100 pF
100 pF
RF
IN
RF
OUT
0.1
μF
V
GG
100 pF
100 pF
100 pF
100 pF
0.1
μF
V
GG
0.1
μF
V
DD
0.1
μF
0.1
μF
V
DD
0.1
μF
Assembly and Bonding Diagram


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn