Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MA08509D Datasheet(PDF) 4 Page - Tyco Electronics

Part No. MA08509D
Description  Amplifier, Power, 10W 8.5-10.5 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo MACOM - Tyco Electronics

MA08509D Datasheet(HTML) 4 Page - Tyco Electronics

  MA08509D_1 Datasheet HTML 1Page - Tyco Electronics MA08509D_1 Datasheet HTML 2Page - Tyco Electronics MA08509D_1 Datasheet HTML 3Page - Tyco Electronics MA08509D_1 Datasheet HTML 4Page - Tyco Electronics MA08509D_1 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Amplifier, Power, 10W
8.5—10.5 GHz
MA08509D
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Rev A
Preliminary Information
4
V
D1_2
V
D3
V
D3
V
D 1, 2
0
0
2.296mm.
4.425mm.
4.580mm.
2.296mm.
4.430mm.
0.160mm.
0.166mm.
Mechanical Information
Chip Size: 4.58 x 4.58 x 0.075 mm
(
181 x 181 x 3 mils)
VDD3 (2X)
Figure 4. Die Layout
Pad
Type
Nominal Voltage
Size
(mm)
(mils)
IN, OUT
RF
N/A
150 x 200
6 x 8
VDD 1/2
DC
10.0 V
200 x 150
8 x 6
VDD 3
DC
10.0 V
400 x 150
16 x 6
VGG
DC
-4.0 V
150 x 150
6 x 6
Bond Pad Information


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn